Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 52 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 52 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 48Page - Dialog Semiconductor DA9072 Datasheet HTML 49Page - Dialog Semiconductor DA9072 Datasheet HTML 50Page - Dialog Semiconductor DA9072 Datasheet HTML 51Page - Dialog Semiconductor DA9072 Datasheet HTML 52Page - Dialog Semiconductor DA9072 Datasheet HTML 53Page - Dialog Semiconductor DA9072 Datasheet HTML 54Page - Dialog Semiconductor DA9072 Datasheet HTML 55Page - Dialog Semiconductor DA9072 Datasheet HTML 56Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
52 of 113
© 2021 Dialog Semiconductor
VDD_SYS, the buck output, or another suitable source. If using the buck output, confirm that the
buck provides sufficient headroom and current capability.
In LDO mode, LDO0 can be programmed between 0.8 V and 3.15 V in 25 mV or 50 mV steps. LDO1
and LDO2 can be set between 0.8 V and 3.3 V in 50 mV or 75 mV steps. To ensure good regulation
and full load capability, 200 mV of headroom is recommended at VDD_LDO<n>, with load capability
decreasing with lower headroom. With sufficient headroom the LDOs are current limited at a
minimum of 215 mA. LDO0 is designed to operate with lower headroom.
To achieve the best performance from the LDOs, it is recommended that the input bypass cap is
placed as close as possible to the LDO input pins (VDD_LDO<n>). A 1 µF input capacitor is typically
sufficient for each LDO, provided that there is at least that much capacitance at the VDD_SYS or
BUCK output.
Each LDO is enabled and output voltage set by registers VOUT_LS_LDO<n> (0x0032 through
0x0034). The LDOs can be configured as load switches by bits SEL_LDSW_<n> (register 0x0035
[2:0]). There is an approximately 20 ms delay between the I2C enable command and LDO startup.
When the LDOs are operating as load switches, there are two modes of operation: Current Limit
Enabled mode and Full-On mode. Full-On mode disables the load switch current limit, while
providing a much lower on-resistance.
In Current Limit mode, current limit is active with the same limit as the LDO mode limit. Each load
switch can operate over a wider range compared to LDO mode, with a minimum input voltage of
0.8 V.
In either mode, the load switch current capability is reduced at lower input voltages. At the minimum
input voltage, expect a maximum load-switch capability of 1 mA.
4.11 Thermal Protection
DA9072 is protected from internal overheating by the over-temperature shutdown function. When the
junction temperature reaches TSHDN , the device initiates a power cycle and the safety timer is reset.
When the power cycle ends, VDD_SYS recovers for several milliseconds. After this period, if the
junction temperature is still above TSHDN, a power cycle is initiated again. In this way, the DA9072
continually attempts to restart with an active duty cycle of less than 1 %, sufficient to allow the IC to
cool down. When the junction temperature has dropped below TSHDN
– THYS, power cycling stops.
When an over-temperature fault occurs, SYS_FLT toggles and the ISR_OVT bit (register 0x0007 [3])
is set to 1.
To avoid tripping thermal shutdown, limit power dissipation to no more than:
�������������������� <
118℃ − ��������
������������_��������
Where TA is the ambient temperature, RTH_JA is the combined thermal resistance of the package and
PCB. Typical values for RTH_JA vary with PCB size, layer count, airflow, and other factors. A typical
value of 40 ºC/W is a good starting point. PDISS can be estimated as:
�������������������� = �������������������� + ����������������0 +����������������1 + ����������������2 + ����������������
Where:
● PLDO0 = (VDD_LDO0 – VLDO0) * ILDO0
● PLDO1 = (VDD_LDO1 – VLDO1) * ILDO1
● PLDO2 = (VDD_LDO2 – VLDO2) * ILDO2
● PCHG = (VDD_PWR – VBAT) * ICHG
● PBUCK = VO_BUCK * IOUT_BUCK * (1/η 1) – DCR * IOUT_BUCK
○ where η is the efficiency of the buck converter and DCR is the inductor’s DC resistance.
4.12 PCB Layout Guidelines
To ensure proper operation and maximize optimal thermal performance following these guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com