Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 8Page - Dialog Semiconductor DA9072 Datasheet HTML 9Page - Dialog Semiconductor DA9072 Datasheet HTML 10Page - Dialog Semiconductor DA9072 Datasheet HTML 11Page - Dialog Semiconductor DA9072 Datasheet HTML 12Page - Dialog Semiconductor DA9072 Datasheet HTML 13Page - Dialog Semiconductor DA9072 Datasheet HTML 14Page - Dialog Semiconductor DA9072 Datasheet HTML 15Page - Dialog Semiconductor DA9072 Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
12 of 113
© 2021 Dialog Semiconductor
2
Characteristics
2.1
Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to
the device. These are stress ratings only, so functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specification are not implied.
Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
Table 3: Absolute Maximum Ratings
Parameter
Description
Conditions
Min
Max
Unit
TS
Storage temperature
-65
150
°C
VDD_PWR
VDD_PWR
1 V / µs max slew rate
-0.3
22
V
VBAT
VBAT, VBAT_SNS
-0.3
6
V
VDD_SYS
VDD_SYS, VDD_BUCK,
SW_BUCK, VDD_LDOx,
VTEMP
-0.3
6
V
VIO
VDDIO and all IO pins
(unless otherwise stated)
Note 1
-0.3
6
V
Note 1
VDDIO and IO voltages must be less than the higher of VBAT or VDD_PWR.
2.2
Electrostatic Discharge Ratings
Table 4: Electrostatic Discharge Ratings
Parameter
Description
Conditions
Value
Unit
VESD_HBM
Maximum ESD protection
Human body model (HBM)
All exposed pins
Note 1
2000
kV
VESD_CDM
Maximum ESD protection
Charged device model (CDM)
Note 2
500
kV
Note 1
Per ANSI/ESDA/JEDEC JS-001. JEDEC document JEP155 states that 500 V HBM allows safe
manufacturing with a standard ESD control process.
Note 2
Per ANSI/ESDA/JEDEC JS-002. JEDEC document JEP157 states that 250 V CDM allows safe
manufacturing with a standard ESD control process.
2.3
Recommended Operating Conditions
Recommended operating conditions are conditions for which the device is intended to be functional,
but parameter specifications may not be guaranteed. For guaranteed specifications and associated
test conditions, refer to the Electrical Characteristics tables.
Table 5: Recommended Operating Conditions
Parameter
Description
Conditions
Min
Typ
Max
Unit
TA
Operating Ambient
Temperature
-40
85
°C
VDD_PWR
VDD_PWR voltage
Including OVP range
3.6
5
20
V
VDD_PWR operating
voltage
3.6
5
5.5
V
VBAT
Battery voltage
VDD_PWR supplied
0
3.7
4.7
V
Battery voltage (act.bat)
VDD_PWR not supplied
2.5
3.7
4.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com