Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 68 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 68 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 64Page - Dialog Semiconductor DA9072 Datasheet HTML 65Page - Dialog Semiconductor DA9072 Datasheet HTML 66Page - Dialog Semiconductor DA9072 Datasheet HTML 67Page - Dialog Semiconductor DA9072 Datasheet HTML 68Page - Dialog Semiconductor DA9072 Datasheet HTML 69Page - Dialog Semiconductor DA9072 Datasheet HTML 70Page - Dialog Semiconductor DA9072 Datasheet HTML 71Page - Dialog Semiconductor DA9072 Datasheet HTML 72Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
68 of 113
© 2021 Dialog Semiconductor
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
TS_TRIG
Reserved
Reserved
Reserved
Reserved
Field Name
Bits
POR
Description
TS_TRIG
[4]
0x0
Trigger register for one-shot battery temp sense enable
Table 60: Register SYS_RIN_N_0
Address
Register Name
POR Value
RIN_N
0x0010
SYS_RIN_N_0
0x66
7
6
5
4
3
2
1
0
RIN_N_PER_RST<1:0>
RIN_N_PER_WAKE2 RIN_N_PER_WAKE1 RIN_N_RST_ROUT_EN<1:0>
RIN_N_RST_REC<1:0>
Field Name
Bits
POR
Description
RIN_N_PER_RST
[7:6]
0x1
RIN_N RESET timer period
Value
Description
0x0
4s
0x1 (POR)
8s
0x2
10s
0x3
14s
RIN_N_PER_WAKE2
[5]
0x1
RIN_N WAKE2 timer period
Value
Description
0x0
1.0s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com