Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 35 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 35 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 31Page - Dialog Semiconductor DA9072 Datasheet HTML 32Page - Dialog Semiconductor DA9072 Datasheet HTML 33Page - Dialog Semiconductor DA9072 Datasheet HTML 34Page - Dialog Semiconductor DA9072 Datasheet HTML 35Page - Dialog Semiconductor DA9072 Datasheet HTML 36Page - Dialog Semiconductor DA9072 Datasheet HTML 37Page - Dialog Semiconductor DA9072 Datasheet HTML 38Page - Dialog Semiconductor DA9072 Datasheet HTML 39Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
35 of 113
© 2021 Dialog Semiconductor
Figure 23: Typical Charging Example
Note 1
70 mAh Charge Cycle (VCHG_PRE = 3.0 V, ICHG_PRE = 7 mA, ICHG = 70 mA, VTER = 4.2 V)
4.4.2
Charge in Progress
Assuming a depleted battery, the battery is initially charged at ICHG_PRE until VBAT reaches the pre-
charge threshold, at which point the charge current is increased to ICHG. The charger continues to
charge at constant current (CC) until VBAT approaches the target voltage programmed by VBCHG
(register 0x0024:[6:0]). The battery is then charged at near constant voltage (CV) and the charge
current gradually falls. Charging ends when the charge current falls below ITER (ITER current is the
same as ICHG_PRE, see Section 4.7.1). If the VDD_PWR remains connected, recharging starts when
VBAT falls below the recharge threshold, VBAT_CHG - 120 mV (typical).
Charging modes are shown in Table 25.
Table 25: Charging Modes
VBAT Voltage
Charge Current
Charge Mode
Pre-Charge Timer
Main Timer
VBAT < VCHG_PRE
ICHG_PRE
Pre-charge
Running
Running
VCHG_PRE < VBAT < VBAT_CHG
ICHG
CC (fast charge)
Reset
Running
VBAT = VBAT_CHG
< ICHG
CV
Reset
Running
VBAT = VBAT_CHG
= ITER
Termination
Reset
Reset
From the charge ready state, the device enters charge in-progress state when all conditions below
are met.
● VDD_PWR > VBAT + VSLP (not in Sleep mode)
● VBAT < VRCHG
● RMEAS sequence completed, if enabled by RMEAS_EN (register 0x0020 [1])
● 50 ms TEMP_SNS delay, if periodic sampling is enabled by TS_DISCHG_MODE_SEL (register
0x0026 [5])
● MODE input is pulled low and CE_N register is set to 0
If these conditions are met, charging starts automatically at the appropriate level when VDD_PWR is
connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com