Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 44 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 44 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 40Page - Dialog Semiconductor DA9072 Datasheet HTML 41Page - Dialog Semiconductor DA9072 Datasheet HTML 42Page - Dialog Semiconductor DA9072 Datasheet HTML 43Page - Dialog Semiconductor DA9072 Datasheet HTML 44Page - Dialog Semiconductor DA9072 Datasheet HTML 45Page - Dialog Semiconductor DA9072 Datasheet HTML 46Page - Dialog Semiconductor DA9072 Datasheet HTML 47Page - Dialog Semiconductor DA9072 Datasheet HTML 48Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
44 of 113
© 2021 Dialog Semiconductor
ICHG (Typ)
Resistance (k
Ω)
300 mA
3.6
200 mA
5.1
150 mA
6.8
100 mA
10.0
70 mA
15.0
50 mA
20.0
40 mA
27.0
30 mA
36.0
20 mA
51.0
15 mA
68.0
10 mA
100.0
7 mA
150.0
5 mA
200.0
4.8
Host and Pushbutton Communication
The DA9072 features multiple digital pins for host and user communication, see Table 35, with
connections shown in Figure 27.
Table 35: Digital Pins for Host and Pushbutton Interface
Pin Name
Description
SCL / SDA
I2C interface
MODE
Mode control input
Used to enter Hi-Z mode and control charging
(Edge triggered for Hi-Z control; level triggered for charge control)
RIN_N
Pushbutton interface
Used to wake up from Ship mode and Hi-Z mode
Also used to generate a low-active reset pulse on ROUT_N
SYS_FLT
IRQ interrupt output flag
Also functions as a charging status indicator
PWR_FLT
Power input status flag
Can also be configured as a voltage shifted RIN_N output
ROUT_N
Host reset output which is controlled by RIN_N
WD
Watchdog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com