Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 18Page - Dialog Semiconductor DA9072 Datasheet HTML 19Page - Dialog Semiconductor DA9072 Datasheet HTML 20Page - Dialog Semiconductor DA9072 Datasheet HTML 21Page - Dialog Semiconductor DA9072 Datasheet HTML 22Page - Dialog Semiconductor DA9072 Datasheet HTML 23Page - Dialog Semiconductor DA9072 Datasheet HTML 24Page - Dialog Semiconductor DA9072 Datasheet HTML 25Page - Dialog Semiconductor DA9072 Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
22 of 113
© 2021 Dialog Semiconductor
Parameter
Description
Conditions
Min
Typ
Max
Unit
VOUT_FB_BUC
K_LO
Buck output voltage range
LO programmable range, 50
mV steps, VOUT_RANGE_HI = 0
0.6
1.3
V
VOUT_VBUCK_
OUT_ACC
Buck output voltage
accuracy
VDD_BUCK = 5 V
PFM mode
IOUT = 10 mA
VFB_BUCK = 1.8 V
-2.5
0
2.5
%
VOUT_LD1_BU
CK
DC output voltage load
regulation
VOUT = 1.8 V
100 mA < IOUT < 300 mA
0.01
%/mA
VOUT_LD2_BU
CK
DC output voltage load
regulation
VOUT = 0.9 V
100 mA < IOUT < 300 mA
0.02
%/mA
VOUT_LINE_BU
CK
DC output voltage line
regulation
VOUT = 1.8 V
IOUT = 100 mA
0.1
%/V
tSTARTUP_BUC
K
Softstart time
VOUT = 1.8 V
No load
50
μs
tSTARTUP_L
Softstart time
VOUT = 0.9 V
No load
25
μs
2.4.12
Battery Monitors
Table 19: Battery Monitors (VBAT_DIV and IMON)
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
AIMON_GAIN
IMON current gain
1
mA/A
IIMON
VBAT IQ current increase
with IMON enabled
0 A discharge current
4
μA
IMON_ACC_HI
IMON accuracy
Discharge current range
100 mA to 1 A
-20
20
%
IMON_ACC_LO
IMON accuracy
Discharge current range
10 mA to 100 mA
-40
40
%
VIMON_MAX
IMON maximum
recommended voltage
2.5 V <VBAT< 4.7 V IIMON x
RIMON
1.4
V
RBAT_DIV
Voltage divider resistance
From VBAT_SNS to
GND_DIV
150
kΩ
VBAT_DIV1
Voltage
2.5 V < VBAT < 4.65 V
0 °C < TJ < 85 °C
VBAT*
0.585
VBAT*
0.6
VBAT*
0.615
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com