Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 31 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 31 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 27Page - Dialog Semiconductor DA9072 Datasheet HTML 28Page - Dialog Semiconductor DA9072 Datasheet HTML 29Page - Dialog Semiconductor DA9072 Datasheet HTML 30Page - Dialog Semiconductor DA9072 Datasheet HTML 31Page - Dialog Semiconductor DA9072 Datasheet HTML 32Page - Dialog Semiconductor DA9072 Datasheet HTML 33Page - Dialog Semiconductor DA9072 Datasheet HTML 34Page - Dialog Semiconductor DA9072 Datasheet HTML 35Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
31 of 113
© 2021 Dialog Semiconductor
Table 22: Battery Thermal Protection Measures
Temperature Range
Voltage at TEMP_SNS
Charger Action
Interrupt name
TBAT < TLO
VTEMP_SNS > VTEMP_LOR
Charging terminated
TS COLD
TCOLD < TBAT < TCOOL
VTEMP_LO > VTEMP_SNS >
VTEMP_COOL
Charge current = 0.5 *
ICHG setting
TS COOL
TCOOL < TBAT < TWARM
VTEMP_COOL > VTEMP_SNS >
VTEMP_WARM
Normal charging
TWARM < TBAT < THI
VTEMP_WARM > VTEMP_SNS
> VTEMP_HI
Target voltage
(VBAT_CHG) reduced by
140 mV
TS WARM
THI < TBAT
VTEMP_SNS < VTEMP_HI
Charging terminated
TS HOT
VTEMP_SNS >
VOFF_TEMP_SNS
Temp sense disabled,
Optional Fault
TS OFF
Setting the Resistor Divider
The four temperature thresholds are fixed percentages of VTEMP, see Section 2.4.2. VTEMP is
enabled in short pulses to allow the battery temperature to be monitored without drawing
unnecessary current through the resistor divider. VTEMP is derived from the VDD_SYS voltage. The
TEMP_SNS voltage is measured after a deglitch time of 10 msec, which precludes any need for
filtering at TEMP_SNS. To avoid measurement error, no filter capacitance larger than 10 nF should
be added to TEMP_SNS pin.
Temperature monitoring can be disabled by TS_EN_CHG (register 0x0026 [0]) and TS_EN_DISCHG
bits (register 0x0026 [1]), or by pulling TEMP_SNS above the VOFF_TEMP_SNS threshold (TS_OFF
state). The TS_OFF state disables temperature sensing and can optionally be flagged as a fault
condition by setting register bit TS_OFF_MODE (register 0x0026:[2]) = 0x1. When TEMP_SNS is
pulled high to enter TS_OFF state, the state is latched until TEMP_SNS is disabled.
Temp sense is disabled in Hi-Z mode. Each temp sense threshold generates an interrupt at
SYS_FLT and each has an event bit at register SYS_ISR_1 (0x0004 [7:4]) and SYS_ISR_2 (0x0005
[6]).
The battery NTC interfaces to the TEMP_SNS input through a resistive divider, see Figure 21.
TEMP_SNS
RHI
VTEMP
RLO
VBAT
NTC
Figure 21: Battery Temperature Sensing with NTC
The resistor divider values (RHI and RLO) are selected as shown below so that the cold and hot
TEMP_SNS thresholds are reached at the corresponding NTC values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com