Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 18 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 18 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 14Page - Dialog Semiconductor DA9072 Datasheet HTML 15Page - Dialog Semiconductor DA9072 Datasheet HTML 16Page - Dialog Semiconductor DA9072 Datasheet HTML 17Page - Dialog Semiconductor DA9072 Datasheet HTML 18Page - Dialog Semiconductor DA9072 Datasheet HTML 19Page - Dialog Semiconductor DA9072 Datasheet HTML 20Page - Dialog Semiconductor DA9072 Datasheet HTML 21Page - Dialog Semiconductor DA9072 Datasheet HTML 22Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
18 of 113
© 2021 Dialog Semiconductor
2.4.5
I2C Interface
Table 12: I2C interface
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
fI2C_CLK
SCL frequency range
100
400
kHz
VOUT_LO
Output low threshold level
SDA 5 mA sink current
VDDI
O*0.25
V
VIN_LO
Input low threshold level
Input low threshold level for
SDA and SCL
VDDI
O*0.25
V
VIN_HI
Input high threshold level
Input high threshold level for
SDA and SCL
VDDI
O*0.75
V
ILKG_HILVL
leakage current
SDA and SCL, high level
1
μA
2.4.6
Input Currents
Table 13: Input Currents
Parameter
Description
Conditions
Min
Typ
Max
Unit
Electrical Performance
IBAT_HIZ_BUCK
_ON_LDO_OFF
Battery discharge current in
Hi-Z mode, no LDOs enabled
0 °C < TJ < 60 °C
VDD_PWR = 0 V or floating
Hi-Z mode
Buck switching
No load
0.8
1.5
μA
IBAT_HIZ_BUCK
_ON_LDO0_ON
Battery discharge current in
Hi-Z mode, LDO0 enabled
0 °C < TJ < 60 °C
VDD_PWR = 0 V
Hi-Z mode
Buck switching
LDO0 enabled
No load
1.6
μA
IBAT_ACT_LDO
0_LDO1_ON
Battery discharge current in
Active Battery mode
0 °C < TJ < 85 °C
VDD_PWR = 0 V
Active Battery mode
Buck switching
LDO0 and LDO1 enabled
I2C enabled
VBAT_UVLO < VBAT < 4.65 V
2.5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com