Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9072 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9072 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button DA9072 Datasheet HTML 33Page - Dialog Semiconductor DA9072 Datasheet HTML 34Page - Dialog Semiconductor DA9072 Datasheet HTML 35Page - Dialog Semiconductor DA9072 Datasheet HTML 36Page - Dialog Semiconductor DA9072 Datasheet HTML 37Page - Dialog Semiconductor DA9072 Datasheet HTML 38Page - Dialog Semiconductor DA9072 Datasheet HTML 39Page - Dialog Semiconductor DA9072 Datasheet HTML 40Page - Dialog Semiconductor DA9072 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 113 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.0
14-Jun-2021
CFR0011-120-00
37 of 113
© 2021 Dialog Semiconductor
VBAT_UVLO and VBAT_SHORT are included in the table although they are not indicated as faults
when VDD_PWR is present. Normal pre-charging continues in both cases.
Table 26: Charge Faults
Fault
Charging
Action
STS_CHG
Termination
Safety
timer
VDD_PWR
OVP
Suspend
VDD_PWR open
Fault
-
Reset
VDD_PWR
UVLO
Suspend
VDD_PWR open
Fault
-
Reset
VDD_PWR
DPM
Continue
VDD_PWR current limit
decreased
Fault
Disable
x2
VDD_PWR
ILIM
Continue
VDD_PWR current limited
Fault
Disable
x2
VBAT
DPPM
Continue
Charge current reduced
Fault
Disable
x2
VBAT OCP
Suspend
VBAT current limited
Fault
-
Suspend
Sleep mode
Suspend
Fault
-
Suspend
Supplement
mode
Suspend
Battery discharging
Fault
-
Suspend
TS COLD
Suspend
Fault
-
Suspend
TS HOT
Suspend
Fault
-
Suspend
TS COOL
Continue
Charge current reduced to half
In-
progress
Disable
x2
TS WARM
Continue
VBAT_CHG reduced by 140 mV
In-
progress
Disable
x1
TS OFF
(fault
option)
Suspend
Fault
-
Reset
Safety timer
Suspend
Fault
-
Reset
Over-temp.
Suspend
Fault
-
Reset
VDD_SYS
UVLO
Suspend
Power cycle
Fault
Reset
VBAT Short
Pre-charge
In-
progress
x1
There are several option bits available to modify the fault behavior described above. Termination can
be enabled during TS_WARM and TS_COOL, a TS_HOT fault can trigger a power cycle, and a
TS_OFF condition can trigger a fault or simply disable the battery Temp Sense feature.
4.4.8
Safety Timers
The safety timer starts counting as soon as a charge cycle begins, ensuring that the charge cycle is
terminated even if the battery fails to reach the termination condition. The duration of the timer,
tMAXCHG, is set by bit TMR (register 0x0021 [1:0]) between 30 minutes and 9 hours. If the safety timer
expires before charging is terminated, SYS_FLT toggles, and the ISR_CHG_TMR event bit (register
0x005 [5]) is set to 1.
In Pre-Charge mode, the timer period is 10 % of the safety timer setting. The pre-charge timer counts
during pre-charging and is reset at the transition to Fast-Charge mode. If the charger is still in pre-
charge at the end of the pre-charge timer period, the charge cycle is terminated. The main safety
time is running during both fast charge and pre-charge modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com