Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 164 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 164 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 160Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 161Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 162Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 163Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 164Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 165Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 166Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 167Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 168Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
164
NXP Semiconductors
Revision History
Table 102. i.MX 6Solo/6DualLite Data Sheet Document Past Revision Histories
Rev.
Number
Date
Substantive Changes
7
10/2016
• Figure 1, "Part Number Nomenclature—i.MX 6Solo and 6DualLite," on page 5: Added to Silicon
Revision block: Revision 1.2 and 1.3 and associated Mask ID.
• Table 6, "Absolute Maximum Ratings," on page 24:
– NVCC_DRAM maximum value changed to 1.975 V.
– Included footnote to NVCC_DRAM maximum value regarding maximum voltage allowance.
– Added row to Vin/Vout I/O supply voltage, separating DDR pins and non-DDR pins and included
footnote regarding maximum voltage allowance.
• Table 8, "Operating Ranges," on page 26: Added footnotes within the Comments column for the Run
Mode, LDO Enabled row; VDD_SOC_IN maximum values.
• Section 4.6.3, “DDR I/O DC Parameters: Added reference for more DDR details to see the MMDC
section.
Moved JEDEC standard information to footnote.
• Section 4.7.2, “DDR I/O AC Parameters: Added reference for more DDR details to see the MMDC
section.
Moved JEDEC standard information to footnote.
• Table 44, "i.MX 6Solo Supported DDR3/DDR3L/LPDDR2 Configurations," on page 63: Changed
LPDDR2 Channel column from “Dual” to “Single.”
• Table 45, "i.MX 6DualLite Supported DDR3/DDR3L/LPDDR2 Configurations," on page 64: Added
LPDDR2 Dual Channel column.
• Table 95, "21 x 21, 0.8 mm BGA Package Details," on page 139: Correction to package total thickness.
• Table 97, "21 x 21 mm Functional Contact Assignments," on page 142: DRAM_SDCKLn rows, reverted
to “Low” rather than “0” in the Value column.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com