Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 166 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 166 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 161Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 162Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 163Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 164Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 165Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 166Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 167Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 168Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 169Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 166 / 169 page
background image
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
166
NXP Semiconductors
Revision History
Rev. 4
12/2014
• Table 1, "Example Orderable Part Numbers," on page 3: Speed Grade footnote added as follows:
If a 24 MHz input clock is used (required for USB), the maximum SoC speed is limited to 996 MHz.
• Table 1, "Example Orderable Part Numbers," on page 3: Added (4) devices; SCIMX6U5DVM10BC/CC
and SCIMX6S5DVM10BC/CC.
• Figure 1, “Part Number Nomenclature—i.MX 6Solo and 6DualLite”: Added Silicon Rev 1.3. to diagram
• Table 2, Modules List, UART 1–5 Description changed: baud rate up from 5MHz to 5Mbps.
• Added Figure 2, "Example Part Marking," on page 5.
• Section 1.2, “Features”: under, Miscellaneous IPs and interfaces: Changed UARTs bullet, from “up to
4.0 Mbps”, to “up to 5.0 Mbps”.
• Table 8, “Operating Ranges,” on page 29:
— Changed Run mode: VDD_ARM_IN minimum value from 1.05 to 1.125V; for operation up to 396
MHz. and changed LDO bypassed maximum value from 1.225V to 1.21V; for VDD_SOC_IN.
— Changed PCIe supply voltages; PCIE_VP/PCIE_VPTX maximum value from 1.225V to 1.21V
• Table 10, "Maximum Supply Currents," on page 29;
— Changed VDD_ARM_IN from single condition to include DualLite and Solo conditions with Maximum
current values of 2200 and 1320 mA, respectively.
— Added footnote for NVCC_LVDS2P5 supply.
• Table 38, “Reset Timing Parameters”: Removed footnote regarding SRC_POR_B rise and fall times.
• Section 4.9.3, “External Interface Module (EIM)”: Changed first paragraph to describe two systems
clocks used with EIM: ACLK_EIM_SLOW_CLK_ROOT and ACLK_EXSC (for synchronous mode).
• Table 31, “DDR I/O DDR3/DDR3L Mode AC Parameters”; Added footnote about extended range for Vix.
• Table 48, “DDR3/DDR3L Timing Parameter Table,” on page 76; Added DDR0, tCK(avg) and parameter
values. Changed symbol names DDR1 through DDR7 to include avg or base; changed minimum
parameter values for DDR4–DDR7. Added footnote about tIS and tIH base values.
• Figure 25, “DDR3 Command and Address Timing Parameters,” on page 76; Added DDR0.
• Table 49, “DDR3/DDR3L Write Cycle,” on page 77; Changed symbol names of DDR17 and DDR18 to
include base(AC150/DC100); Changed Units from tCK to tCK(avg).
• Table 46, “LPDDR2 Write Cycle,” on page 64; Changed LP21 min/max parameter values from
-0.25/+0.25 to 0.75/1.25.
• Table 42, "EIM Bus Timing Parameters," on page 55: Changed footnotes regarding the system clocks
used with EIM: from axi_clk to ACLK_EXSC or ACLK_EIM_SLOW_CLK_ROOT.
• Table 49, “DDR3/DDR3L Write Cycle,” on page 77: Changed DDR17 minimum value from 420 ps to
125 ps and DDR18 from 345 ps to 150 ps.
• Table 49, “DDR3/DDR3L Write Cycle,” on page 77: Added footnote 4.
• Table 69, "LVDS Display Bridge (LDB) Electrical Specification," on page 105: Corrected Units for Output
Voltage High and Output Voltage Low from mV to V.
• Table 71, "Electrical and Timing Information," on page 108: Moved rows tSETUP[RX] and tHOLD[RX]
to be directly under HS Line Receiver AC Specifications heading row.
• Table 96, "21 x 21 mm Supplies Contact Assignments," on page 140: Removed A1 pin.
• Table 97, "21 x 21 mm Functional Contact Assignments," on page 142: Moved rows DRAM_4,
DRAM_5, and DRAM_6 out of the i.MX 6DualLite section (shaded gray) to the i.MX 6Solo section above
DRAM_7 and (unshaded).
• Table 99, "21 x 21 mm, 0.8 mm Pitch Ball Map i.MX 6Solo," on page 156: Removed “NC” from A1 pin
location.
• Table 100, "21 x 21 mm, 0.8 mm Pitch Ball Map i.MX 6DualLite," on page 159: Removed “NC” from A1
pin location.
Table 102. i.MX 6Solo/6DualLite Data Sheet Document Past Revision Histories (continued)
Rev.
Number
Date
Substantive Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com