Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 165 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 165 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 161Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 162Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 163Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 164Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 165Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 166Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 167Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 168Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 169Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 165 / 169 page
background image
Revision History
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
165
6
8/2016
• Changed throughout:
- LVDDR3 to DDR3L
- Changed terminology from “floating” to “not connected”.
• Table 2, "i.MX 6Solo/6DualLite Modules List," on page 11:
- uSDHC1–4, SD/MMC and SDXC Enhanced Multi-Media Card/Secure Digital
Host Controller row:
Added new bullet at top: “Conforms to the SD Host Controller…”.
- eCSPI1-4 row: removed from the Brief Description column, “with data rate up to 52Mbit/s.”
-
BCH row, removed from Brief Description column, “encryption/decryption”.
• Table 3, "Special Signal Considerations," on page 21:
- GPANAIO row, modified remarks to be NXP use only.
- SRC_POR_B row: removed reference to internal POR which is not supported on device.
- TEST_MODE row: modified remarks to be NXP use only and added tie to Vss or remain unconnected.
• Table 6, "Absolute Maximum Ratings," on page 24” throughout table: clarified parameter descriptions
including adding LDO state. Clarified symbol names.
- Added row, RGMII I/O supply voltage.
- Added VDD_HIGH_CAP supply voltage row for LDO output.
- Added to USB supply voltage row: USB_OTG_CHD_B.
- All maximum voltages increased (improved).
• Section 4.1.2, “Thermal Resistance: added NOTE.
• Table 8, "Operating Ranges," on page 26: Changed minimum parameter of Run mode: LDO enabled
from 1.175 to 1.25 V.
• Section 4.2.1, “Power-Up Sequence”: Removed references to the internal POR function. Internal POR
is not supported. Removed fourth and fifth bullets.
• Section 4.2.3, “Power Supplies Usage”: Added NOTE, “When the PCIE interface is not used…”.
• Section 4.5.2, “OSC32K”: Removed battery resistor (coin cell) calculation.
• Section 4.6.1, “XTALI and RTC_XTALI (Clock Inputs) DC Parameters”:
- Added 3 rows: Input capacitance; Startup current; and DC input current.
- Added footnote to RTC_XTALI high-level DC input voltage at the Max parameter.
- Added NOTE following table: “The Vil and Vih only apply when external clock source is used…”.
• Section 4.9.4, “Multi-Mode DDR Controller (MMDC)”: this new section added, replacing the original
section 4.9.4 “DDR SRAM Specific Parameters (DDR3/DDR3L and LPDDR2)”.
• Figure 36, "ECSPI Master Mode Timing Diagram," on page 73: Added note, “ECSPI_MOSI always…”.
• Figure 37, "ECSPI Slave Mode Timing Diagram," on page 74: Added note, “ECSPI_MOSI always
driven…”.
• Figure 42, "SDR50/SDR104 Timing," on page 81: Aligned SD4 and SD5.
• Table 54, "SDR50/SDR104 Interface Timing Specification," on page 81:
- Corrected Clock High Time ID to SD3.
- Changed SD2 and SD3 Min and max values to 0.46 and 0.54.
- Changed SD5 Max to 0.74.
• Table 64, "Camera Input Signal Cross Reference, Format, and Bits Per Cycle," on page 93: Changed
RGB565 column heading from 2 to 1 cycle.
• Table 97, "21 x 21 mm Functional Contact Assignments," on page 142:
- Table row: DRAM_SDCLK0 and DRAM_SDCLK1 changed Out of Reset Condition from Low to 0.
- Added to ZQPAD row: requirement to add resistor to GND.
5
6/2015
• Table 8, “Operating Ranges,” Run mode: LDO enabled row; Changed comments for VDD_ARM_IN,
from “1.05V minimum for operation up to 396MHz” to “1.125V minimum for operation up to 396MHz”.
• Table 3, “Special Signal Considerations,” XTALI/XTALO row: Changed from “The crystal must be
rated...”, to “See Hardware Development Guide”.
Table 102. i.MX 6Solo/6DualLite Data Sheet Document Past Revision Histories (continued)
Rev.
Number
Date
Substantive Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com