Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX6SDLCEC Datasheet(PDF) 167 Page - NXP Semiconductors

Part # IMX6SDLCEC
Description  i.MX 6Solo/6DualLite Applications Processors for Consumer Products
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLCEC Datasheet(HTML) 167 Page - NXP Semiconductors

Back Button IMX6SDLCEC Datasheet HTML 161Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 162Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 163Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 164Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 165Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 166Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 167Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 168Page - NXP Semiconductors IMX6SDLCEC Datasheet HTML 169Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 167 / 169 page
background image
Revision History
i.MX 6Solo/6DualLite Applications Processors for Consumer Products, Rev. 9, 11/2018
NXP Semiconductors
167
Rev. 3
02/2014
• Updates throughout for Silicon revision C, including:
- Figure 1 Part number nomenclature diagram
- Table 1 Example Orderable Part Numbers
• Feature descriptions updated for:
- Camera sensors: updated from one to two ports at up to 240 MHz peak.
- Miscellaneous IPs and interfaces; SSI and ESAI.
• Table 2, Modules List, uSDHC 1–4 description change: including SDXC cards up to 2 TB.
• Table 2, Modules List, UART 1–5 description change: programmable baud rate up to 5 MHz.
• Table 3, Special Signal Considerations: XTALOSC_RTC_XTALI/RTC_XTALO: ending paragraph
removed. Was: “In case when high accuracy real time clock are not required system may use internal
low frequency ring oscillator. It is recommended to connect XTALOSC_RTC_XTALI to GND and keep
RTC_XTALO floating.”
• Table 8, Operating Ranges for Run mode LDO bypassed: Added footnote regarding alternate maximum
voltage on VDD_SOC_IN … this maximum can be 1.3V.
• Table 8, Operating Ranges Standby/DSM mode: Added footnote regarding alternate maximum voltage
on VDD_SOC_IN … this maximum can be 1.3V.
• Table 8, Operating Ranges GPIO supply voltages: Corrected supply name to NVCC_NANDF
• Table 8, Operating ranges: updated table footnotes for clarity.
• Removed table “On-Chip LDOs and their On-Chip Loads.”
• Section 4.1.4, External Clock Sources; added Note, “The internal RTC oscillator does not...”.
• Section 4.1.5, Maximum Supply Currents: Reworded second paragraph about the power management
IC to explain that a robust thermal design is required for the increased system power dissipation.
• Table 10, Maximum Supply Currents: NVCC_RGMII Condition value corrected to N=6.
• Table 10, Maximum Supply Currents: Corrected supply name NVCC_NANDF.
• Table 10, Maximum Supply currents: Added row NVCC_LVDS2P5
• Section 4.2.1, Power-Up Sequence: Clarified wording of third bulleted item regarding POR control.
• Section 4.2.1, Power-Up Sequence: Removed Note.
• Section 4.2.1, Power-Up Sequence: Corrected bullet regarding VDD_ARM_CAP / VDD_SOC_CAP
difference from 50 mV to 100 mV.
• Section 4.5.2, OSC32K, second paragraph reworded to describe OSC32K automatic switching.
• Section 4.5.2, OSC32K, added Note following second paragraph to caution use of internal oscillator.
• Table 23, XTALI and RTC_XTALI DC parameters; changed RTC_XTALI Vih minimum value to 0.8.
• Table 23, XTALI and RTC_XTALI DC parameters; changed RTC_XTALI Vih maximum value to 1.1.
• Table 39, Reset Timing Parameters; removed rise/fall time requirement
• Section 4.9.3, External Interface Module; enhanced wording to first paragraph to describe operating
frequency for data transfers, and to explain register settings are valid for entire range of frequencies.
Rev. 3
continued
2/2014
• Table 42, EIM Bus Timing Parameters; reworded footnotes for clarity.
• Table 42, EIM Asynchronous Timing Parameters; removed comment from the Max heading cell.
• Figure 60, Gated Clock Mode Timing Diagram: Corrected HSYNC trace behavior
• Table 66, Video Signal Cross-Reference: Corrected naming of HSYNC and VSYNC
• Section 4.11.22, USB PHY Parameters: Updated Battery Charging Specification bullet
• Table 95, BGA Package Details: Corrected to read “21 x 21, 0.8 mm”.
• Table 96, Supplies Contact Assignments: Corrected supply name NVCC_NANDF
• Table 96, Supplies Contact Assignments: Updated NC rows to show i.MX 6DualLite vs. i.MX 6Solo
• Table 97, Functional Contact Assignments: ALT5 Default function signal names corrected
• Table 97, Functional Contact Assignments: PMIC_ON_REQ Out of Reset value corrected to “Open
Drain with PU (100K) enabled”
• Table 97, Functional Contact Assignments: TEST_MODE row included
• Table 97, Functional Contact Assignments: VDD_ARM_IN and ZQPAD row removed
Table 102. i.MX 6Solo/6DualLite Data Sheet Document Past Revision Histories (continued)
Rev.
Number
Date
Substantive Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com