Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 15Page - Microchip Technology USB82642 Datasheet HTML 16Page - Microchip Technology USB82642 Datasheet HTML 17Page - Microchip Technology USB82642 Datasheet HTML 18Page - Microchip Technology USB82642 Datasheet HTML 19Page - Microchip Technology USB82642 Datasheet HTML 20Page - Microchip Technology USB82642 Datasheet HTML 21Page - Microchip Technology USB82642 Datasheet HTML 22Page - Microchip Technology USB82642 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
 2012-2021 Microchip Technology Inc.
DS60001253F-page 19
USB82642
7.0
CONFIGURATION OPTIONS
7.1
Hub
Microchip’s USB 2.0 hub is fully compliant to the Universal Serial Bus 2.0 Specification [3]. See Chapter 11 (Hub Spec-
ification) for general details regarding hub operation and functionality.
The hub provides a single Transaction Translator (TT) shared by both downstream ports. The TT contains 4 non-peri-
odic buffers.
7.1.1
HUB CONFIGURATION OPTIONS
The Microchip hub supports a large number of configurable features (some are mutually exclusive). There are two prin-
cipal ways to configure the hub:
• default settings
• settings loaded from an external EEPROM or SPI Flash device
7.1.1.1
Power Switching Polarity
The hub will only support active high power controllers.
7.1.2
VBus DETECT
According to Section 7.2.1 of the USB 2.0 Specification [3], a downstream port can never provide power to its D+ or D-
pull-up resistors unless the upstream port’s VBUS is in the asserted (powered) state. The VBUS_DET pin on the hub
monitors the state of the upstream VBUS signal and will not pull-up the D+ resistor if VBUS is not active. If VBUS goes
from an active to an inactive state (not powered), the hub will remove power from the D+ pull-up resistor within 10 sec-
onds.
7.2
Card Reader
The Microchip USB82642 is fully compliant with the following flash media card reader specifications:
• Secure Digital 2.0
- SDSC, SDHC, and SDXC
- mircoSD and reduced form factor media
- SDIO - using the SDIO over USB bridge
• MultiMediaCard 4.2
- 1/4/8 bit
- includes support for eMMC devices
7.3
I2C over USB Bridge
USB82642 offers a I2C over USB bridge functionality. Host initiated SCSI pass-through commands are sent to
USB82642 using Mass Storage Class driver to control I2C master interface. Additional support for detecting clock
stretching during reads is also provided.
The following features are exposed through host side I2C API:
• Write_I2C_Stream
- Send any length of data over the I2C interface.
- The sequence follows the I2C protocol for writing data.
• WriteRead_I2C_Stream
- Read any length of data over the I2C interface.
- The sequence follows the I2C protocol for reading data.
• GPIO_1_SET_OUTPUT
- This method allows an application to control GPO1 pin. This can be driving RST of the I2C slave device.
For additional configuration information and protocol details, see the USB to I2C Bridge Reference Guide [1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com