Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 11 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 7Page - Microchip Technology USB82642 Datasheet HTML 8Page - Microchip Technology USB82642 Datasheet HTML 9Page - Microchip Technology USB82642 Datasheet HTML 10Page - Microchip Technology USB82642 Datasheet HTML 11Page - Microchip Technology USB82642 Datasheet HTML 12Page - Microchip Technology USB82642 Datasheet HTML 13Page - Microchip Technology USB82642 Datasheet HTML 14Page - Microchip Technology USB82642 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
 2012-2021 Microchip Technology Inc.
DS60001253F-page 11
USB82642
VDD18PLL
46
-
1.8 V PLL Power Bypass
This pin is the 1.8 V power bypass for the PLL.
This pin requires an external bypass capacitor
of 1.0 µF.
If REG_EN is low, this pin serves as a power
supply (1.8 V) for the device.
VDDA33
5
41
48
-
3.3 V Analog Power
• 48VQFN - Pin 48 requires an external
bypass capacitor of 4.7 µF.
SPI Interface
SPI_CE_N
8
O12
SPI Chip Enable
This is the active low chip enable output. If the
SPI interface is enabled, drive this pin high in
power down states.
Leave open
SPI_CLK/
9
I/O12
SPI Clock
This is the SPI clock out to the serial ROM. See
Section 5.4, "ROM BOOT Sequence" for dia-
gram and usage instructions.
During reset, this pin is driven low.
Leave open
SCL_EP
When configured, this is the I²C EEPROM clock
pin.
Leave open
SPI_DO/
10
I/O12
SPI Data Out
This is the data out for the SPI port. See Section
5.4, "ROM BOOT Sequence" for diagram and
usage instructions.
Leave open
SDA_EP
This pin is the data pin when the device is con-
nected to the optional I²C EEPROM.
Leave open
SPI_SPD_SEL
This pin is used to pick the speed of the SPI
interface. During RESET_N assertion, this pin
will be tri-stated with the weak pull-down resistor
enabled. When RESET_N is negated, the value
on the pin will be internally latched, and the pin
will revert to SPI_DO functionality. Additionally,
the internal pull-down will be disabled.
0
: 30 MHz (deprecated and might be removed
in future versions)
1
: 60 MHz
If the latched value is 1, then the pin is tri-stated
when the chip is in the suspend state.
If the latched value is 0, then the pin is driven
low during a suspend state.
Leave open
SPI_DI
11
I/O12PD
SPI Data In
This is the data in to the controller from the SPI
ROM.
Leave open
TABLE 5-1:
USB82642 PIN DESCRIPTIONS (CONTINUED)
Symbol
48-Pin
VQFN
Buffer
Type
Description
If Pins not Used
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com