Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 43 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 43 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 39Page - Microchip Technology USB82642 Datasheet HTML 40Page - Microchip Technology USB82642 Datasheet HTML 41Page - Microchip Technology USB82642 Datasheet HTML 42Page - Microchip Technology USB82642 Datasheet HTML 43Page - Microchip Technology USB82642 Datasheet HTML 44Page - Microchip Technology USB82642 Datasheet HTML 45Page - Microchip Technology USB82642 Datasheet HTML 46Page - Microchip Technology USB82642 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
 2012-2021 Microchip Technology Inc.
DS60001253F-page 43
USB82642
8.0
DC PARAMETERS
8.1
Maximum Guaranteed Ratings
Stresses above the specified parameters may cause permanent damage to the device. This is a stress rating only. Func-
tional operation of the device at any condition above those indicated in the operation sections of this specification is not
implied. When powering this device from laboratory or system power supplies the absolute maximum ratings must not
be exceeded or device failure can result. Some power supplies exhibit voltage spikes on their outputs when the AC
power is switched on or off. In addition, voltage transients on the AC power line may appear on the DC output. When
this possibility exists, a clamp circuit should be used.
Parameter
Symbol
Min
Max
Units
Comments
Storage Tem-
perature
TSTOR
-55
150
°C
3.3 V supply
voltage
VDD33,
VDDA33
-0.5
4.0
V
Voltage on
CRD_PWD
--0.5
VDD33 + 0.3
V
When internal power FET
operation of these pins are
enabled, these pins may be
simultaneously shorted to
ground or any voltage up to
3.63 V indefinitely, without
damage to the device as
long as VDD33 and VDDA33
are less than 3.63 V and TA
is less than 70oC.
Voltage on
any signal pin
--0.5
VDD33 + 0.3
V
Voltage on
XTAL1
--0.5
3.6
V
HBM ESD
Performance
8kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com