Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 23 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 23 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 19Page - Microchip Technology USB82642 Datasheet HTML 20Page - Microchip Technology USB82642 Datasheet HTML 21Page - Microchip Technology USB82642 Datasheet HTML 22Page - Microchip Technology USB82642 Datasheet HTML 23Page - Microchip Technology USB82642 Datasheet HTML 24Page - Microchip Technology USB82642 Datasheet HTML 25Page - Microchip Technology USB82642 Datasheet HTML 26Page - Microchip Technology USB82642 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
 2012-2021 Microchip Technology Inc.
DS60001253F-page 23
USB82642
TABLE 7-2:
HUB CONTROLLER CONFIGURATIONS
Address
Register Name
Description
Internal Default Value
DEh
VID_LSB
Vendor ID Least Significant Byte
24h
DFh
VID_MSB
Vendor ID Most Significant Byte
04h
E0h
PID_LSB
48VQFN Product ID Least
Significant Byte
41h
E1h
PID_MSB
Product ID Most Significant Byte
40h
E2h
DID_LSB
Device ID Least Significant Byte
A2h
E3h
DID_MSB
Device ID Most Significant Byte
08h
E4h
CFG_DAT_BYT1
Configuration Data Byte 1
8Bh
E5h
CFG_DAT_BYT2
Configuration Data Byte 2
28h
E6h
CFG_DAT_BYT3
Configuration Data Byte 3
00h
E7h
NR_DEVICE
Non-Removable Devices
02h
E8h
PORT_DIS_SP
Port Disable (Self)
00h
E9h
PORT_DIS_BP
Port Disable (Bus)
00h
EAh
MAX_PWR_SP
Max Power (Self)
01h
EBh
MAX_PWR_BP
Max Power (Bus)
32h
ECh
HC_MAX_C_SP
Hub Controller Max Current (Self)
01h
EDh
HC_MAX_C_BP
Hub Controller Max Current (Bus)
32h
EEh
PWR_ON_TIME
Power-on Time
32h
EFh
BOOST_UP
Boost_Up
00h
F0h
BOOST_3:2
Boost_3:2
00h
F1h
PRT_SWP
PortSwap
00h
F2h
PRTM12
PortMap 12
00h
F3h
PRTM3
PortMap 3
00h
TABLE 7-3:
OTHER INTERNAL CONFIGURATIONS
Address
Register Name
Description
Internal Default Value
F4h
SD_CLK_LIM
SD Clock Limit for the Flash
Media Controller
00h
F5h
rsvd
F6h
MEDIA_SETTINGS
SD1/2 Timeout Configuration
00h
F7h-FBh
rsvd
FCh-FFh
NVSTORE_SIG
Non-Volatile Storage Signature
ATA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com