Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 44 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 44 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 40Page - Microchip Technology USB82642 Datasheet HTML 41Page - Microchip Technology USB82642 Datasheet HTML 42Page - Microchip Technology USB82642 Datasheet HTML 43Page - Microchip Technology USB82642 Datasheet HTML 44Page - Microchip Technology USB82642 Datasheet HTML 45Page - Microchip Technology USB82642 Datasheet HTML 46Page - Microchip Technology USB82642 Datasheet HTML 47Page - Microchip Technology USB82642 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
USB82642
DS60001253F-page 44
 2012-2021 Microchip Technology Inc.
8.2
Operating Conditions
Note 1: The TJ (junction temperature) must not exceed 125°C.
Note 2: The 3.3 V supply should be at least at 75% of its operating condition before the 1.8 V supply is allowed to
ramp up.
Note 3: Because there is no hysteresis on the RESET_N pin, slow rise times combined with noise on RESET_N
line can cause the hub to reset multiple times, placing the device into an unknown state. Therefore, if no
digital control is available, ensure a clean signal with a fast rise time on the RESET_N pin (i.e., use of low
resistance pull up resistor and small capacitor to filter out noise).
Parameter
Symbol
Min
Max
Units
Comments
Operating Temperature
TA
-40
85
°C
Ambient temperature in still air.
(See Note 1)
3.3 V supply voltage
VDD33,
VDDA33
3.0
3.6
V
A 3.3 V regulator with an output
tolerance of ±1% must be used if
the output of the internal power
FET’s must support a 5% toler-
ance.
3.3 V supply rise time
tRT
0
400
µs
(Figure 8-1, "Supply Rise Time
Models")
1.8 V supply rise time
tRT
0
400
µs
(Figure 8-1, "Supply Rise Time
Models")
Voltage on any signal
pin
--0.3
VDD33
V
Voltage on XTAL1
-
-0.3
2.0
V
FIGURE 8-1:
SUPPLY RISE TIME MODELS
t10%
10%
90%
Voltage
tRT
t90%
Time
100%
3.3 V
VSS
VDD33
t10%
10%
90%
Voltage
tRT
t90%
Time
100%
1.8 V
VSS
VDD18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com