Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 62 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 62 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 56Page - Microchip Technology USB82642 Datasheet HTML 57Page - Microchip Technology USB82642 Datasheet HTML 58Page - Microchip Technology USB82642 Datasheet HTML 59Page - Microchip Technology USB82642 Datasheet HTML 60Page - Microchip Technology USB82642 Datasheet HTML 61Page - Microchip Technology USB82642 Datasheet HTML 62Page - Microchip Technology USB82642 Datasheet HTML 63Page - Microchip Technology USB82642 Datasheet HTML 64Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
USB82642
DS60001253F-page 62
2012-2021 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
USB82642
Temperature
Range:
A= -40
C to +85C
Package:
M=
VQFN (48-pin)
Tape and Reel
Option:
Blank = Standard packaging (tray)
R
= Tape and Reel(1)
Pattern
A
= Product Version
H
= Product Version
ROM/Firmware
000528 = ROM/Firmware combination
000728 = ROM/Firmware combination
Designator
Vxx
= Automotive Designator
Examples:
a)
USB82642AMR-A-000528-V02
-40
C to + 85°C,
VQFN (48-pin),
Tape & Reel,
A,
000528,
V02
b)
USB82642AM-H-000728-V05
-40°C to + 85°C,
VQFN (48-pin),
Tray,
H,
000728,
V05
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
Note 2:
“-” is optional. Check with your Microchip
Sales Office for exact ordering part number.
PART NO.
[X]
X
Range
Device
(1)
-
Option
Temperature Package
[X]
Tape and Reel
X
Pattern
-
Designator
Vxx
-
ROM/
XXXXXX
Firmware
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com