Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 26 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 22Page - Microchip Technology USB82642 Datasheet HTML 23Page - Microchip Technology USB82642 Datasheet HTML 24Page - Microchip Technology USB82642 Datasheet HTML 25Page - Microchip Technology USB82642 Datasheet HTML 26Page - Microchip Technology USB82642 Datasheet HTML 27Page - Microchip Technology USB82642 Datasheet HTML 28Page - Microchip Technology USB82642 Datasheet HTML 29Page - Microchip Technology USB82642 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
USB82642
DS60001253F-page 26
 2012-2021 Microchip Technology Inc.
7.5.2.9
9Ch-9Fh: Attribute Byte Descriptions
7.5.2.10
A0h-A3h: Reserved
Byte
Name
Bit
Number
Description
0
ATT_LB
3:0
Always read as 0
4
Inquire Manufacturer and Product ID Strings
1
: use the Inquiry Manufacturer and Product ID Strings.
0
: (default) - use the USB Descriptor Manufacturer and Product ID Strings.
5
Always read as 0
6
Reverse SD Card Write Protect Sense
1
: (default) - SD cards will be write protected when SW_nWP is high, and
writable when SW_nWP is low.
0
: SD cards will be write protected when SW_nWP is low, and writable
when SW_nWP is high.
7
Always read as 0
1
rsvd
7:0
2
ATT_LHB
0
Attach on Card Insert/Detach on Card Removal
1
: attach on Insert is enabled
0
: (default) - attach on Insert is disabled
1
Always read as 0
2
Use LUN Power Configuration
1
: custom LUN Power Configuration stored in the NVSTORE is used
0
: (default) - default LUN Power Configuration is used.
7:3
Always read as 0
3
ATT_HB
7:0
Always read as 0
Byte
Name
Description
3:0
rsvd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com