Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 56 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 56 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 52Page - Microchip Technology USB82642 Datasheet HTML 53Page - Microchip Technology USB82642 Datasheet HTML 54Page - Microchip Technology USB82642 Datasheet HTML 55Page - Microchip Technology USB82642 Datasheet HTML 56Page - Microchip Technology USB82642 Datasheet HTML 57Page - Microchip Technology USB82642 Datasheet HTML 58Page - Microchip Technology USB82642 Datasheet HTML 59Page - Microchip Technology USB82642 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
USB82642
DS60001253F-page 56
2012-2021 Microchip Technology Inc.
DS60001253B
cont.
Section 7.3, I2C over USB
Bridge
Changed:
• USB to I2C Bridge -> I2C over USB Bridge
• First paragraph revised.
• Description of bullet GPIO_1_SET_OUTPUT
revised.
• last paragraph: Title of reference corrected.
Section 7.4, SDIO Over USB
Bridge
The SDIO over USB bridge allows for transmission
of multiple types of data from an SDIO device over
USB.
Section 7.5, System Config-
urations
Removed description how to download software
package.
Table 7-1: Part of explanation moved from top to
bottom.
Section 7.5.2.11, A4h-A5h:
LUN 0 Power Configuration
Cross reference to reserved section removed.
Section 7.5.3.32, "F6h: SD1
Timeout Options," on
page 38
SD2 removed.
Section 7.7.1
Removed: Internal POR Hardware Reset
Section 7.7.1.1, RESET_N
for EEPROM Configuration
Table 7-7: msec -> ms, µsec -> µs
Section 7.7.2, USB Bus
Reset
Last paragraph changed: ‘The host then configures
the device and..’ -> ‘The host then configures the
hub and..’
Section 8.1, Maximum Guar-
anteed Ratings
Row “Voltage on CRD_PWD” added.
Section 8.2, Operating Con-
ditions
Note 3 in Section 8.2, Operating Conditions added
describing how to get a clear signal at RESET_N.
Chapter 10.0
Chapter ‘GPIO Usage’ removed.
Appendix B: “Acronyms”
Adopted
Product Identification Sys-
tem
New ROM/Firmware combination added.
Trademark Page
Trademark Page adopted according to new style
guide.
DS60001253A
(06-05-14)
All
Microchip DS number inserted.
Revision A replaces the previous SMSC version
Rev. 1.1.
Version migrated to Microchip template.
Trademark and last page according to Microchip
guidelines.
SMSC branding removed.
SMSC (inclusive links) replaced by Microchip.
USB82662 has been removed.
GPIO functionality removed as the functionality is
not supported any more (except GPIO1).
TABLE A-1:
CUSTOMER REVISION HISTORY (CONTINUED)
Revision Level & Date
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com