Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 55 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 55 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 51Page - Microchip Technology USB82642 Datasheet HTML 52Page - Microchip Technology USB82642 Datasheet HTML 53Page - Microchip Technology USB82642 Datasheet HTML 54Page - Microchip Technology USB82642 Datasheet HTML 55Page - Microchip Technology USB82642 Datasheet HTML 56Page - Microchip Technology USB82642 Datasheet HTML 57Page - Microchip Technology USB82642 Datasheet HTML 58Page - Microchip Technology USB82642 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
2012-2021 Microchip Technology Inc.
DS60001253F-page 55
USB82642
DS60001253B
cont.
Section 5.1, USB82642 Pin
Description
Rows in Table 5-1:
• SD_D[7:0]: Note added: ‘The pull up resis-
tance is a current source that is limited to
VDD.’ replaces ‘and have weak pull-up resis-
tors’.
• The bi-directional signal has a weak internal
pull-up resistor.
• SPI_SPD_SEL: Value 30 MHz indicated as
deprecated.
• Pin RESET_N: Buffer Type changed from IS to
I. Description improved including cross refer-
ence to note pointing to Note 3 in Section 8.2,
Operating Conditions.
Section 5.4, ROM BOOT
Sequence
Removed:
second paragraph:
• ‘If there is no SPI ROM detected,..for configu-
ration options details.’
third paragraph:
• ‘either 30 MHz or ‘
• ‘For 30 MHz operation, this pin must be pulled
to ground through a 100 kΩ resistor. ‘
• Figure 5-5
Chapter 6.0
Figure 6-1 removed.
Section 6.1, Pin Reset
States
Table 6-2:
• Function changed from GPIO to IO for the fol-
lowing pins: 9, 10, 13, 14, 29, 35, 36
• Function changed from GPIO to GPO for the
following pins: 37
Section 7.1, Hub
Changed:
• The hub provides 1 Transaction Translator
(TT) that is shared by both downstream ports
defined as a single-TT configuration.-> The
hub provides a single Transaction Translator
(TT) shared by both downstream ports.
Section 7.1.1, Hub Configu-
ration Options
Changed:
• The Microchip hub supports a large number of
features (some are mutually exclusive), and
must be configured in order to correctly func-
tion when attached to a USB host controller ->
The Microchip hub supports a large number of
configurable features (some are mutually
exclusive).
• settings stored on an external EEPROM or SPI
Flash device-> settings loaded from an exter-
nal EEPROM or SPI Flash device
Section 7.2, Card Reader
Added as sub-bullet for MultiMediaCard 4.2:
• includes support for eMMC devices
TABLE A-1:
CUSTOMER REVISION HISTORY (CONTINUED)
Revision Level & Date
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com