Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 49 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 49 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 45Page - Microchip Technology USB82642 Datasheet HTML 46Page - Microchip Technology USB82642 Datasheet HTML 47Page - Microchip Technology USB82642 Datasheet HTML 48Page - Microchip Technology USB82642 Datasheet HTML 49Page - Microchip Technology USB82642 Datasheet HTML 50Page - Microchip Technology USB82642 Datasheet HTML 51Page - Microchip Technology USB82642 Datasheet HTML 52Page - Microchip Technology USB82642 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
2012-2021 Microchip Technology Inc.
DS60001253F-page 49
USB82642
9.2
Ceramic Resonator
24 MHz ± 350 ppm
9.3
External Clock
50% Duty cycle
 10%, 24 MHz  350 ppm, Jitter < 100 ps rms
The external clock is recommended to conform to the signaling level designated in the JESD76-2 Specification [13] on
1.8 V CMOS Logic. XTAL2 should be treated as a no connect.
9.3.1
I2C EEPROM
Frequency is fixed at 58.6 kHz
20
9.3.2
USB 2.0
The Microchip device conforms to all voltage, power, and timing characteristics and specifications as set forth in the
USB 2.0 Specification
[3].
FIGURE 9-3:
CERAMIC RESONATOR USAGE WITH MICROCHIP IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com