Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 42 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 42 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 38Page - Microchip Technology USB82642 Datasheet HTML 39Page - Microchip Technology USB82642 Datasheet HTML 40Page - Microchip Technology USB82642 Datasheet HTML 41Page - Microchip Technology USB82642 Datasheet HTML 42Page - Microchip Technology USB82642 Datasheet HTML 43Page - Microchip Technology USB82642 Datasheet HTML 44Page - Microchip Technology USB82642 Datasheet HTML 45Page - Microchip Technology USB82642 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
USB82642
DS60001253F-page 42
 2012-2021 Microchip Technology Inc.
7.7.1.1
RESET_N for EEPROM Configuration
Note 3: All power supplies must have reached the operating levels mandated in Chapter 8.0, DC Parameters prior
to (or coincident with) the assertion of RESET_N.
7.7.2
USB BUS RESET
In response to the upstream port signaling a reset to the device, the device does the following:
1.
Sets default address to 0.
2.
Sets configuration to: unconfigured.
3.
Negates PRTCTL[3:2] to all downstream ports.
4.
Clears all TT buffers.
5.
Moves device from suspended to active (if suspended).
6.
Complies with Section 11.10 of the USB 2.0 Specification [3] for behavior after completion of the reset sequence.
The host then configures the hub and the device’s downstream port devices in accordance with the USB Specification.
FIGURE 7-1:
RESET_N TIMING FOR EEPROM MODE
TABLE 7-7:
RESET_N TIMING FOR EEPROM MODE
Name
Description
Min
Typ
Max
Units
t1
RESET_N asserted
1
-
-
µs
t2
Device recovery/stabilization
-
-
500
µs
t3
8051 programs device configuration
-
20
50
ms
t4
USB attach (see Note 3)
-
-
100
ms
t5
Host acknowledges attach and signals USB reset
100
-
-
ms
t6
USB idle
-
Undefined
-
ms
t7
Completion time for requests (with or without data
stage)
--
5
ms
Note:
The device does not propagate the upstream USB reset to downstream devices.
t1
t2
t4
t5
t6
t7
RESET_N
VSS
Hardware
reset
asserted
Device
Recovery/
Stabilization
8051 Sets
Configuration
Registers
Attach
USB
Upstream
USB Reset
recovery
Idle
Start
completion
request
response
t3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com