Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 41 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 41 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 37Page - Microchip Technology USB82642 Datasheet HTML 38Page - Microchip Technology USB82642 Datasheet HTML 39Page - Microchip Technology USB82642 Datasheet HTML 40Page - Microchip Technology USB82642 Datasheet HTML 41Page - Microchip Technology USB82642 Datasheet HTML 42Page - Microchip Technology USB82642 Datasheet HTML 43Page - Microchip Technology USB82642 Datasheet HTML 44Page - Microchip Technology USB82642 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
 2012-2021 Microchip Technology Inc.
DS60001253F-page 41
USB82642
7.5.5
I2C EEPROM
The I2C EEPROM interface implements a subset of the I2C Master Specification (refer to the Philips Semiconductor
Standard I2C-Bus Specification [10] for details on I2C bus protocols). The device’s I2C EEPROM interface is designed
to attach to a single dedicated I2C EEPROM, and it conforms to the Standard-mode I2C Specification (100 kbit/s transfer
rate and 7-bit addressing) for protocol and electrical compatibility.
7.5.5.1
Implementation Characteristics
The device will only access an EEPROM using the sequential read protocol.
7.5.5.2
Pull-Up Resistor
The circuit board designer is required to place external pull-up resistors (10 kΩ recommended) on the SPI_DO/SDA_EP/
SPI_SPD_SEL and SPI_CLK/SCL_EP lines (per SMBus 1.0 Specification [11] and EEPROM manufacturer guidelines)
to VDD33 in order to assure proper operation.
7.5.5.3
I2C EEPROM Slave Address
Slave address is 1010000b. 10-bit addressing is NOT supported.
7.6
Default Configuration Option
The Microchip device can be configured via its internal default configuration. Please see Section 7.5.2, "EEPROM Data
Descriptor" for specific details on how to enable default configuration. Please refer to Table 7-1 for the internal default
values that are loaded when this option is selected.
7.7
Reset
There are two different resets that the device experiences. One is a hardware reset (either from the internal POR
(power-on reset) circuit or via the RESET_N pin) and the second is a USB bus reset.
7.7.1
EXTERNAL HARDWARE RESET_N
A valid hardware reset is defined as assertion of RESET_N for a minimum of 1 µs after all power supplies are within
operating range. While reset is asserted, the device (and its associated external circuitry) consumes less than IRST µA
of current from the upstream USB power source.
Assertion of RESET_N (external pin) causes the following:
1.
All downstream ports are disabled, and PRTCTL power to downstream devices is removed.
2.
The PHYs are disabled, and the differential pairs will be in a high-impedance state.
3.
All transactions immediately terminate; no states are saved.
4.
All internal registers return to the default state (in most cases, 00h).
5.
The external crystal oscillator is halted.
6.
The PLL is halted.
Note:
Extensions to the I2C Specification are not supported. The device acts as the master and generates the
serial clock SCL, controls the bus access (determines which device acts as the transmitter and which
device acts as the receiver), and generates the START and STOP conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com