Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 27 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 27 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 23Page - Microchip Technology USB82642 Datasheet HTML 24Page - Microchip Technology USB82642 Datasheet HTML 25Page - Microchip Technology USB82642 Datasheet HTML 26Page - Microchip Technology USB82642 Datasheet HTML 27Page - Microchip Technology USB82642 Datasheet HTML 28Page - Microchip Technology USB82642 Datasheet HTML 29Page - Microchip Technology USB82642 Datasheet HTML 30Page - Microchip Technology USB82642 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
 2012-2021 Microchip Technology Inc.
DS60001253F-page 27
USB82642
7.5.2.11
A4h-A5h: LUN 0 Power Configuration
The USB82642 has one internal FET which can be utilized for card power. The settings are stored in NVSTORE and
provide the following features:
1.
A card can be powered by an external FET or by an internal FET.
2.
The power limit is set to 200 mA default for the internal FET, but can be set to 100 mA.
Each media uses two bytes to store its LUN power configuration. Bit 3 selects between internal or external. For internal
FETs bits 0 through 2 are used for the power limit. Only 2 of the possible 8 values are currently specified.
7.5.2.12
A6h-BEh: Reserved
7.5.3
DEVICE ID STRINGS
7.5.3.1
BFh-C5h: Device 3 Identifier String
7.5.3.2
C6h-CDh: Inquiry Vendor String
TABLE 7-4:
FET CONFIGURATION
FET
Type
Bits
Bit Type
Description
0
FET Lo
Byte
3:0
Low Nibble
rsvd
1
7:4
High Nibble
2
FET Hi
Byte
3:0
Low Nibble
0000b Disabled
0001b External FET enabled
1000b Internal FET with 100 mA power limit
1010b Internal FET with 200 mA power limit
3
7:4
High Nibble
rsvd
Byte
Name
Description
25:0
rsvd
Byte
Name
Description
6:0
DEV3_ID_STR
These bytes are used to specify the LUN descriptor returned by the device.
These bytes are used in combination with the LUN to device mapping bytes
in applications where the OEM wishes to reorder and rename the LUNs. If
this device is configured to be part of a COMBO LUN then this string is
ignored for the appropriate CLUNx_ID_STR.
Byte
Name
Description
7:0
INQ_VEN_STR
If bit 4 of the 1st attribute byte is set, the device will use these strings in
response to a USB inquiry command, instead of the USB descriptor manufac-
turer and product ID strings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com