Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 32 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 28Page - Microchip Technology USB82642 Datasheet HTML 29Page - Microchip Technology USB82642 Datasheet HTML 30Page - Microchip Technology USB82642 Datasheet HTML 31Page - Microchip Technology USB82642 Datasheet HTML 32Page - Microchip Technology USB82642 Datasheet HTML 33Page - Microchip Technology USB82642 Datasheet HTML 34Page - Microchip Technology USB82642 Datasheet HTML 35Page - Microchip Technology USB82642 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
USB82642
DS60001253F-page 32
 2012-2021 Microchip Technology Inc.
7.5.3.17
E7h: Non-Removable Device
7.5.3.18
E8h: Port Disable For Self-Powered Operation
Bit
Name
Description
7:0
NR_DEVICE
Indicates which port(s) include non-removable devices.
0
: port is removable
1
: port is non-removable
Informs the host if one of the active ports has a permanent device that is
undetachable from the hub. The device must provide its own descriptor data.
When using the internal default option, the NON_REM[1:0] pins will designate
the appropriate ports as being non-removable.
Bit 7 = rsvd
Bit 6 = rsvd
Bit 5 = rsvd
Bit 4 = rsvd
Bit 3 = controls physical port 3
Bit 2 = controls physical port 2
Bit 1 = controls physical port 1
Bit 0 = rsvd
Note:
Bit 1 must be set to a 1 by the firmware for proper identification of
the card reader as a non-removable device.
Bit
Name
Description
7:0
PORT_DIS_SP
Disables 1 or more ports.
0
: port is available
1
: port is disabled
During self-powered operation
this register selects the ports which will be
permanently disabled. The ports are unavailable to be enabled or enumer-
ated by a host controller. The ports can be disabled in any order since the
internal logic will automatically report the correct number of enabled ports to
the USB host and will reorder the active ports in order to ensure proper func-
tion.
Bit 7 = rsvd
Bit 6 = rsvd
Bit 5 = rsvd
Bit 4 = rsvd
Bit 3 = controls physical port 3
Bit 2 = controls physical port 2
Bit 1 = controls physical port 1
Bit 0 = rsvd
Note:
Bit 1 must be set to 0 in order for the card reader to enumerate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com