Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 45 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 45 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 41Page - Microchip Technology USB82642 Datasheet HTML 42Page - Microchip Technology USB82642 Datasheet HTML 43Page - Microchip Technology USB82642 Datasheet HTML 44Page - Microchip Technology USB82642 Datasheet HTML 45Page - Microchip Technology USB82642 Datasheet HTML 46Page - Microchip Technology USB82642 Datasheet HTML 47Page - Microchip Technology USB82642 Datasheet HTML 48Page - Microchip Technology USB82642 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
2012-2021 Microchip Technology Inc.
DS60001253F-page 45
USB82642
8.3
Package Thermal Specifications
8.4
DC Electrical Characteristics
TABLE 8-1:
48-PIN VQFN PACKAGE THERMAL PARAMETERS
Parameter
Symbol
Value
(°C/W)
Velocity
(METERS
Comments
Thermal Resistance Junction to
Ambient
JA
28
0
Measured from the die to the ambient air
24
1
22
2.5
Thermal Resistance Junction to
Top of Case
JC
2.2
0
Thermal Resistance Junction-to-
Top-of-Package
JT
0.2
0
-
Parameter
Symbol
Min
Typ
Max
Units
Comments
I, IPU, IPD Type Input Buffer
Low Input Level
VILI
0.8
V
TTL Levels
High Input Level
VIHI
2.0
V
Pull Down
PD
72
µA
Pull Up
PU
58
µA
IS Type Input Buffer
Low Input Level
VILI
0.8
V
TTL Levels
High Input Level
VIHI
2.0
V
ICLK Input Buffer
Low Input Level
VILCK
0.5
V
High Input Level
VIHCK
1.4
V
Input Leakage
IIL
-10
+10
µA
VIN = 0 to VDD33
Input Leakage
(All I and IS buffers)
Low Input Leakage
IIL
-10
+10
µA
VIN = 0 V
High Input Leakage
IIH
-10
+10
µA
VIN = VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com