Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 10 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 10 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 6Page - Microchip Technology USB82642 Datasheet HTML 7Page - Microchip Technology USB82642 Datasheet HTML 8Page - Microchip Technology USB82642 Datasheet HTML 9Page - Microchip Technology USB82642 Datasheet HTML 10Page - Microchip Technology USB82642 Datasheet HTML 11Page - Microchip Technology USB82642 Datasheet HTML 12Page - Microchip Technology USB82642 Datasheet HTML 13Page - Microchip Technology USB82642 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
USB82642
DS60001253F-page 10
 2012-2021 Microchip Technology Inc.
USB Interface
USBUP_DM
USBUP_DP
43
42
I/O-U
USB Bus Data
These pins connect to the upstream USB bus
data signals (host port or upstream hub).
USBUP_DM and USBUP_DP can be swapped
using the PortSwap feature.
Leave open
USBDN_DM
[3:2]
USBDN_DP
[3:2]
3
1
4
2
I/O-U
USB Bus Data
These pins connect to the downstream USB bus
data signals and can be swapped using the
PortSwap feature.
Leave open
PRTCTL[3:2]
7
6
I/OD12PU
USB Power Enable
As an output, these pins enables power down-
stream USB peripheral devices. See Section
5.3, "Port Power Control" for diagram and usage
instructions.
As an input, when the power is enabled, these
pins monitor the over-current condition. When
an over-current condition is detected, these pins
turn the power off.
Leave open
VBUS_DET
39
I
Detect Upstream VBUS Power
The Microchip hub monitors VBUS_DET to
determine when to assert the internal D+ pull-up
resistor (signaling a connect event).
When designing a detachable hub, connect this
pin to the VBUS power pin of the USB port that
is upstream of the hub.
For self-powered applications with a perma-
nently attached host, this pin should be pulled
up, typically to VDD33.
VBUS is a 3.3 volt input. A resistor divider must
be used when connecting to 5 volts of USB
power.
Pull up.
Note:
Pull down will
disable entire
USB82642 chip.
RBIAS
47
I-R
USB Transceiver Bias
A 12.0 kΩ,
±1.0% resistor is attached from VSS
to this pin in order to set the transceiver's inter-
nal bias currents.
N/A
XTAL1 (CLKIN)
45
ICLKx
24 MHz Crystal Input/External Clock Input
This pin can be connected to one terminal of the
crystal or it can be connected to an external
24 MHz clock when a crystal is not used.
N/A
XTAL2
44
OCLKx
24 MHz Crystal Output
This is the other terminal of the crystal, or a no
connect pin, when an external clock source is
used to drive XTAL1 (CLKIN).
N/A
Note:
Leave it open,
when an exter-
nal clock source
is used to drive
XTAL1 (CLKIN).
TABLE 5-1:
USB82642 PIN DESCRIPTIONS (CONTINUED)
Symbol
48-Pin
VQFN
Buffer
Type
Description
If Pins not Used
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com