Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 40 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 40 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 36Page - Microchip Technology USB82642 Datasheet HTML 37Page - Microchip Technology USB82642 Datasheet HTML 38Page - Microchip Technology USB82642 Datasheet HTML 39Page - Microchip Technology USB82642 Datasheet HTML 40Page - Microchip Technology USB82642 Datasheet HTML 41Page - Microchip Technology USB82642 Datasheet HTML 42Page - Microchip Technology USB82642 Datasheet HTML 43Page - Microchip Technology USB82642 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
USB82642
DS60001253F-page 40
 2012-2021 Microchip Technology Inc.
7.5.4.7
146h: Dynamic Number of Extended LUNs
7.5.4.8
147h-14Bh: LUN to Device Mapping
7.5.4.9
14Ch-17Bh: Reserved
7.5.4.10
17Ch -17Fh: Non-Volatile Storage Signature for Extended Configuration
Bit
Name
Description
7:0
DYN_NUM_
EXT_LUN
These bytes are used to specify the number of LUNs the device exposes to
the host. These bytes are also used for icon sharing by assigning more than
one LUN to a single icon. This is used in applications where the device uti-
lizes a combo socket and the OEM wishes to have only a single icon dis-
played for one or more interfaces.
If this field is set to FF, the program assumes that you are using the default
value and icons will be configured per the default configuration.
Byte
Name
Description
4:0
LUN_DEV_MAP
These bytes are used to specify the number of LUNs the device exposes to
the host. These bytes are also used for icon sharing by assigning more than
one LUN to a single icon. This is used in applications where the device uti-
lizes a combo socket and the OEM wishes to have only a single icon dis-
played for one or more interfaces.
If this field is set to FF, the program assumes that you are using the default
value and icons will be configured per the default configuration.
Byte
Name
Description
47:0
rsvd
Byte
Name
Description
3:0
NVSTORE_SIG2
This signature is used to verify the validity of the data in the upper 256 bytes if a
512-byte EEPROM is used, otherwise this bank is a read-only configuration
area. The signature must be set to ecf1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com