Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 9 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 9 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 5Page - Microchip Technology USB82642 Datasheet HTML 6Page - Microchip Technology USB82642 Datasheet HTML 7Page - Microchip Technology USB82642 Datasheet HTML 8Page - Microchip Technology USB82642 Datasheet HTML 9Page - Microchip Technology USB82642 Datasheet HTML 10Page - Microchip Technology USB82642 Datasheet HTML 11Page - Microchip Technology USB82642 Datasheet HTML 12Page - Microchip Technology USB82642 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
 2012-2021 Microchip Technology Inc.
DS60001253F-page 9
USB82642
5.0
PIN DESCRIPTIONS
This section provides a detailed description of each signal. The signals are arranged in functional groups according to
their associated interface. The pin descriptions below are applied when using the internal default firmware and can be
referenced in Chapter 7.0, Configuration Options on page 19. The acronyms used in this chapter can be referenced in
Appendix B:, "Acronyms," on page 59.
An N at the end of a signal name indicates that the active (asserted) state occurs when the signal is at a low voltage
level. When the N is not present, the signal is asserted when it is at a high voltage level. The terms assertion and nega-
tion are used exclusively in order to avoid confusion when working with a mixture of active low and active high signals.
The term assert, or assertion, indicates that a signal is active, independent of whether that level is represented by a high
or low voltage. The term negate, or negation, indicates that a signal is inactive.
5.1
USB82642 Pin Description
TABLE 5-1:
USB82642 PIN DESCRIPTIONS
Symbol
48-Pin
VQFN
Buffer
Type
Description
If Pins not Used
Connection
Secure Digital Interface
SD_D[7:0]
19
20
23
30
32
33
17
18
I/O12PU
Secure Digital Data 7-0
These are the bi-directional data signals SD_D0
- SD_D7.
Note:
The pull-up resistance is a current
source that is limited to VDD.
Leave open
SD_CLK
21
O12
Secure Digital Clock
This is an output clock signal to SD/MMC
device.
Leave open
SD_CMD
24
I/O12PU
Secure Digital Command
This is a bi-directional signal that connects to
the CMD signal of the SD/MMC device. The bi-
directional signal has a weak internal pull-up
resistor.
Leave open
SD_nCD
14
I/O12PU
Secure Digital Card Detect GPIO
This is a GPIO designated by the default firm-
ware as the Secure Digital card detection pin
and has a default internal pull-up.
Leave open
SD_WP
13
I/O12
Secure Digital Write Protected GPIO
This is a GPIO designated by the default firm-
ware as the Secure Digital card mechanical
write protect pin.
Leave open
I2C Interface
SDA
29
I/O12
Serial Data Signal
Leave open
SCL
36
I/O12
Serial Clock
Leave open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com