Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 22 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 22 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 18Page - Microchip Technology USB82642 Datasheet HTML 19Page - Microchip Technology USB82642 Datasheet HTML 20Page - Microchip Technology USB82642 Datasheet HTML 21Page - Microchip Technology USB82642 Datasheet HTML 22Page - Microchip Technology USB82642 Datasheet HTML 23Page - Microchip Technology USB82642 Datasheet HTML 24Page - Microchip Technology USB82642 Datasheet HTML 25Page - Microchip Technology USB82642 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
USB82642
DS60001253F-page 22
 2012-2021 Microchip Technology Inc.
Note that the following applies to the system values and descriptions:
• rsvd = reserved for internal use; do not write to these registers
Note 1: Refer to the USB 2.0 Specification [3] for other language codes.
Note 2: This register value must not be changed from the default value.
Refer to Table 7-2, “Hub Controller Configurations,” on page 23
for a continuation of the register values DEh-17Fh.
Internal Flash Media Controller Extended Configurations:
The registers below are enabled by setting bit 7 of bmAttribute.
100h-106h
CLUN0_ID_STR
LUN 0 Identifier String
COMBO
107h-10Dh
CLUN1_ID_STR
LUN 1 Identifier String
COMBO
10Eh-114h
CLUN2_ID_STR
LUN 2 Identifier String
COMBO
115h-11Bh
CLUN3_ID_STR
LUN 3 Identifier String
COMBO
11Ch-122h
CLUN4_ID_STR
LUN 4 Identifier String
COMBO
123h-145h
rsvd
146h
DYN_NUM_ EXT_LUN
Dynamic Number of
Extended LUNs
00h
147h-14Bh
LUN_DEV_MAP
LUN to Device Mapping
FFh, FFh, FFh, FFh, FFh
14Ch-17Bh
rsvd
17Ch-17Fh
NVSTORE_SIG2
Non-Volatile Storage
Signature
ecf1
TABLE 7-1:
INTERNAL FLASH MEDIA CONTROLLER CONFIGURATIONS (CONTINUED)
Address
Register Name
Description
Internal Default Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com