Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 20 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 16Page - Microchip Technology USB82642 Datasheet HTML 17Page - Microchip Technology USB82642 Datasheet HTML 18Page - Microchip Technology USB82642 Datasheet HTML 19Page - Microchip Technology USB82642 Datasheet HTML 20Page - Microchip Technology USB82642 Datasheet HTML 21Page - Microchip Technology USB82642 Datasheet HTML 22Page - Microchip Technology USB82642 Datasheet HTML 23Page - Microchip Technology USB82642 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
USB82642
DS60001253F-page 20
 2012-2021 Microchip Technology Inc.
7.4
SDIO Over USB Bridge
The SDIO over USB bridge allows for transmission of multiple types of data from an SDIO device over USB. The SDIO
over USB bridge uses USB Mass Storage Class Bulk-Only Transport and SCSI pass through to support this feature.
The USB82642 utilizes the following specifications:
• USB Mass Storage Class Specification Overview [4]
• USB Mass Storage Class Bulk-Only Transport [5]
• SCSI Architecture Model - 2 (SAM-2) [6]
• SCSI Primary Commands - 2 (SPC-2) [6]
• SD Specifications Part 1 Physical Layer Specification [7]
• SD Specifications Part E1 SDIO Specification [8]
• SD Specifications Part A2 SD Host Controller Standard Specification [9]
7.4.1
PROTOCOL OVERVIEW
For additional protocol information see the SDIO over USB Bridge Reference Guide [2].
7.4.1.1
USB Enumeration
A compliant device will enumerate at least one Interface Descriptor with the USB BaseClass of Mass Storage Device
Class
, SubClass of SCSI transparent command set, and Protocol of Bulk-Only Transport. See USB Mass Storage Class
Specification Overview [4] Tables 2.1 and 3.1.
7.4.1.2
USB Bulk-Only Transport
The protocol will be encapsulated by Command Block Wrappers (CBWs), where the CBWCB field depicted in Table 5.1
of the USB Mass Storage Class Bulk-Only Transport [5] document, Section 5, contains the SCSI Command Descriptor
Blocks (CDBs). Data is returned according to the specific definition of each CDB.
The execution status of each CDB will be returned in a Command Status Wrapper (CSW) as defined Section 5.2 of the
same document.
7.5
System Configurations
7.5.1
EEPROM/SPI INTERFACE
The USB82642 can be configured via a 2-wire (I2C) EEPROM (512x8) or an external SPI flash device containing the
firmware for the USB82642. If an external configuration device does not exist, the internal default values will be used.
If one of the external devices is used for configuration, the OEM can update the values through the USB interface. The
hub will then attach to the upstream USB host.
The USBDM tool set is available in the Hub Card reader combo software release package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com