Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 34 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 34 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 30Page - Microchip Technology USB82642 Datasheet HTML 31Page - Microchip Technology USB82642 Datasheet HTML 32Page - Microchip Technology USB82642 Datasheet HTML 33Page - Microchip Technology USB82642 Datasheet HTML 34Page - Microchip Technology USB82642 Datasheet HTML 35Page - Microchip Technology USB82642 Datasheet HTML 36Page - Microchip Technology USB82642 Datasheet HTML 37Page - Microchip Technology USB82642 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
USB82642
DS60001253F-page 34
 2012-2021 Microchip Technology Inc.
7.5.3.22
ECh: Hub Controller Max Current For Self-Powered Operation
7.5.3.23
EDh: Hub Controller Max Current For Bus-Powered Operation
7.5.3.24
EEh: Power-On Time
7.5.3.25
EFh: Boost_Up
Bit
Name
Description
7:0
HC_MAX_C_SP
Value in 2 mA increments that the hub consumes from an upstream port
(VBUS) when operating as a self-powered hub. This value includes the hub
silicon along with the combined power consumption (from VBUS) of all asso-
ciated circuitry on the board. This value does NOT include the power con-
sumption of a permanently attached peripheral if the hub is configured as a
compound device.
Note:
The USB 2.0 Specification [3] does not permit this value to exceed
100 mA.
A value of 50 (decimal) indicates 100 mA, which is the default value.
Bit
Name
Description
7:0
HC_MAX_C_BP
Value in 2 mA increments that the hub consumes from an upstream port
(VBUS) when operating as a bus-powered hub. This value will include the
hub silicon along with the combined power consumption (from VBUS) of all
associated circuitry on the board. This value will NOT include the power con-
sumption of a permanently attached peripheral if the hub is configured as a
compound device.
A value of 50 (decimal) would indicate 100 mA, which is the default value.
Bit
Name
Description
7:0
POWER_ON_TIME
The length of time that it takes (in 2 ms intervals) from the time the host initi-
ated power-on sequence begins on a port until power is adequate on that
port. If the host requests the power-on time, the system software uses this
value to determine how long to wait before accessing a powered-on port.
Bit
Name
Description
7:2
rsvd
1:0
BOOST_IOUT
USB electrical signaling drive strength boost bit for the upstream port ‘A’.
00
: normal electrical drive strength = no boost
01
: elevated electrical drive strength = low (approximately 4% boost)
10
: elevated electrical drive strength = medium (approximately 8% boost)
11
: elevated electrical drive strength = high (approximately 12% boost)
Note:
“Boost” could result in non-USB Compliant parameters. OEM
should use a 00 value unless specific implementation issues
require additional signal boosting to correct for degraded USB sig-
naling levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com