Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 29 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 29 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 25Page - Microchip Technology USB82642 Datasheet HTML 26Page - Microchip Technology USB82642 Datasheet HTML 27Page - Microchip Technology USB82642 Datasheet HTML 28Page - Microchip Technology USB82642 Datasheet HTML 29Page - Microchip Technology USB82642 Datasheet HTML 30Page - Microchip Technology USB82642 Datasheet HTML 31Page - Microchip Technology USB82642 Datasheet HTML 32Page - Microchip Technology USB82642 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
 2012-2021 Microchip Technology Inc.
DS60001253F-page 29
USB82642
7.5.3.9
DFh: Vendor ID (MSB)
7.5.3.10
E0h: Product ID (LSB)
7.5.3.11
E1h: Product ID (MSB)
7.5.3.12
E2h: Device ID (LSB)
7.5.3.13
E3h: Device ID (MSB)
Bit
Name
Description
7:0
VID_MSB
Most Significant Byte of the Vendor ID. This is a 16-bit value that uniquely
identifies the vendor of the user device (assigned by USB Implementer’s
Forum).
Bit
Name
Description
7:0
PID_LSB
Least Significant Byte of the Product ID. This is a 16-bit value that the vendor
can assign that uniquely identifies this particular product.
Bit
Name
Description
7:0
PID_MSB
Most Significant Byte of the Product ID. This is a 16-bit value that the vendor
can assign that uniquely identifies this particular product.
Bit
Name
Description
7:0
DID_LSB
Least Significant Byte of the Device ID. This is a 16-bit device release num-
ber in BCD (binary coded decimal) format.
Bit
Name
Description
7:0
DID_MSB
Most Significant Byte of the Device ID. This is a 16-bit device release number
in BCD format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com