Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB82642 Datasheet(PDF) 54 Page - Microchip Technology

Part # USB82642
Description  Automotive USB 2.0 Hub and Flash Media Card Controller Combo
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB82642 Datasheet(HTML) 54 Page - Microchip Technology

Back Button USB82642 Datasheet HTML 50Page - Microchip Technology USB82642 Datasheet HTML 51Page - Microchip Technology USB82642 Datasheet HTML 52Page - Microchip Technology USB82642 Datasheet HTML 53Page - Microchip Technology USB82642 Datasheet HTML 54Page - Microchip Technology USB82642 Datasheet HTML 55Page - Microchip Technology USB82642 Datasheet HTML 56Page - Microchip Technology USB82642 Datasheet HTML 57Page - Microchip Technology USB82642 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
USB82642
DS60001253F-page 54
2012-2021 Microchip Technology Inc.
APPENDIX A: DATA SHEET REVISION HISTORY
TABLE A-1:
CUSTOMER REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS60001253F
(04-26-21)
Section 8.3, Package Ther-
mal Specifications
Added package thermal information.
DS60001253E
(10-24-18)
Section 6.1, "Pin Reset
States"
• TABLE 6-2:: Pin SPI_DO/SDA_EP/SPI_SPD_-
SEL: corrected
Section 7.5.6, “In-Circuit
EEPROM Programming”
• Removed
DS60001253D
(06-11-18)
Section 8.1, Maximum Guar-
anteed Ratings
• HBM ESD Performance inserted.
DS60001253C
(02-08-17)
Product Identification Sys-
tem
Adopted according to new system.
Chapter 3.0, Pin
Configuration
Package marking information (legend) moved to
Chapter 10.0, Package Information
Chapter 10.0, Package
Information
New section Section 10.1, "Package Marking
Information"
DS60001253B
(06-29-15)
All
Trademark and last page updated.
• GPIO1 -> GPO1 (there is no input functional-
ity)
• Package drawing exchanged, QFN -> VQFN
Cover Sheet
Key benefit added:
• Supports storage addressability of up to 2 TB
Changed:
• Configures internal code using an external I2C
ROM or SPI ROM -> Configures internal code
using an external SPI ROM
Chapter 1.0
Flash media added: Embedded MultiMediaCard
(eMMC)
Section 1.1, Device Fea-
tures
Changed:
• Optional support for external firmware access
via SPI and I2C interfaces -> Optional support
for external firmware access via SPI interfaces
Section 1.2.2 “Software Fea-
tures”, Section 1.1.2 “Con-
figurable Hub Features”
Both sections merged.
Chapter 2.0
Figure 2-1: Interface: SD/SDIO Socket -> SD/MMC
Socket, eMMM IC
Chapter 3.0
Figure 3-1 adapted (GPIO1 -> GPO1)
Chapter 4.0
Table A-1 adapted (GPIO1 -> GPO1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com