Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 27Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 28Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 29Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 30Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 31Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 32Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 31 of 63
The time programmed in the BL_FI timer and BL_FO timer
represents the time it takes the backlight current to go from
0 mA to 20 mA. Therefore, the fading time between
intermediate settings is shorter. Smaller changes in current
reduces the fade time. For square law fades, the fade time is
given by
Fade Time = Fade Rate × (Code/63)
where the Fade Rate is as shown in Table 17.
Table 17. Available Fade In and Fade Out Times
Code
Fade Rate (sec)
0000
Fade in or fade out disabled
0001
0.3
0010
0.6
0101
0.9
0110
1.2
0111
2.1
1000
2.4
1001
2.7
1010
3.0
1011
3.3
1100
3.6
1101
3.9
1110
4.2
1111
4.5
Backlight Fade Override
A fade override feature allows the BL_FI and BL_FO timers to
be overridden when the EN_BL bit is reasserted during a fade
in or fade out period and to set the backlight to its targeted
current setting value immediately (see Figure 50). Setting the
FOVR bit to 1 in the BST_CFG register enables the backlight
fade override feature.
Figure 50. LED Backlight Fade Override
Independent Sink Controls
The LED current sink in Channel 2 to Channel 5 can be
configured to operate as either part of a grouped backlight, or to
operate as an independent LED channel.
Setting BL_LEDx = 1 configures the selected LED channel
(Channel 2 to Channel 5) as the part of a grouped backlight. In
this setting, the backlight current setting and on/off control in
Channel 1 apply to the configured channel.
Setting BL_LEDx = 0 configures the selected LED channel
(Channel 2 to Channel 5) as an independent current sink
channel. Each channel current and on/off control are
determined by independent register settings.
Individual LED Blinking Timer
The independent current sinks in Channel 3, Channel 4, and
Channel 5 have additional timers to facilitate the blinking
functions. The on timer and the off timer in the LEDx_BLINK
register allow individual LED current sinks to be configured in
various blinking modes. Blink mode can be activated by setting
the off timers to any setting other than disabled. The blink
mode setting has no effect if the channel is configured as part of
a grouped backlight.
The fade in and fade out function is effective in blink mode but
the fade override feature is not effective in blink mode. See
Figure 51 for a timing diagram of LED blinking with fading.
Some applications (for example, red/green/blue (RGB) LEDs in
blink mode) need the blinking timer to be in synchronization. If
the blinking LEDs are enabled in the same I2C command, the
rising time of the on timer for each blinking LED is synchronized.
Figure 51. LED Blinking with Fading
BACKLIGHT
CURRENT
EN_BL = 1
EN_BL = 1
(REASSERTED BY USER)
EN_BL = 1
(REASSERTED BY USER)
EN_BL = 0
EN_BL = 0
FADE IN
OVERRIDDEN
FADE OUT
OVERRIDDEN
MAX
ON
TIME
OFF
TIME
EN_LEDx
TIME
FADE
IN
FADE
OUT
ON
TIME
FADE
IN
FADE
OUT
ILEDx_SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com