Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 39Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 40Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 37 of 63
CONTROL REGISTER MAP
Table 18. Register Map
Address
(Hex)
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
0x00
Manufacture
and model ID
MANUF[3:0]
Model[3:0]
0x01
Silicon revision
Not used
REV[3:0]
0x02
CHARGER_
VBUS_ILIM
Not used
ILIM[3:0]
0x03
CHARGER_
TERMINATION_
SETTING
VTRM[5:0]
IEND[1:0]
0x04
CHARGER_
CURRENT_
SETTING
C_20_EOC
C_10_EOC
ICHG[3:0]
ITRK_DEAD[1:0]
0x05
CHARGER_
VOLTAGE_
THRESHOLD
Not used
VRCH[1:0]
VTRK_DEAD[1:0]
VWEAK[2:0]
0x06
CHARGER_
TIMER_SETTING
Not used
EN_TEND
EN_CHG_
TIMER
CHG_TMR_PERIOD
EN_WD
WD_PERIOD
RESET_WD
0x07
CHARGER_
FUNCTION_
SETTING1
EN_JEITA
DIS_IPK_SD
EN_BMON
EN_THR
EN_DCDC
EN_EOC
EN_TRK
EN_CHG
0x08
CHARGER_
STATUS1
VBUS_OV
Not used
VBUS_ILIM
THERM_
LIM
CHDONE
CHARGER_STATUS[2:0]
0x09
CHARGER_
STATUS2
THR_STATUS[2:0]
IPK_STAT
Not used
BATTERY_STATUS[2:0]
0x0A
CHARGER_
FAULT
Not used
BAT_SHR
IND_PEAK
TSD_130
TSD_140
0x0B
BATTERY_
SHORT
TBAT_SHR[2:0]
Not used
VBAT_SHR[2:0]
0x0C
BATTERY_
THERMISTOR_
CONTROL
ILIM_JEITA_
COOL
TBAT_LOW
TBAT_
HIGH
R_NTC
BETA_NTC[3:0]
0x0D
V_SOC_0
V_SOC_0[7:0]
0x0E
V_SOC_5
V_SOC_5[7:0]
0x0F
V_SOC_11
V_SOC_11[7:0]
0x10
V_SOC_19
V_SOC_19[7:0]
0x11
V_SOC_28
V_SOC_28[7:0]
0x12
V_SOC_41
V_SOC_41[7:0]
0x13
V_SOC_55
V_SOC_55[7:0]
0x14
V_SOC_69
V_SOC_69[7:0]
0x15
V_SOC_84
V_SOC_84[7:0]
0x16
V_SOC_100
V_SOC_100[7:0]
0x17
FILTER_
SETTING1
Not used
FILTER_CHARGE[2:0]
Not used
FILTER_DISCHARGE[2:0]
0x18
FILTER_
SETTING2
Not used
FILT_IDLE[1:0]
0x19
RBAT_0
RBAT_0[7:0]
0x1A
RBAT_10
RBAT_10[7:0]
0x1B
RBAT_20
RBAT_20[7:0]
0x1C
RBAT_30
RBAT_30[7:0]
0x1D
RBAT_40
RBAT_40[7:0]
0x1E
RBAT_60
RBAT_60[7:0]
0x1F
K_RBAT_CHARGE
Not used
K_RBAT_SOC[1:0]
K_RBAT_CHARGE[3:0]
0x20
BAT_TEMP
Not used
BAT_TEMP_
SOURCE
BAT_TEMP[5:0]
0x21
BAT_SOC
Not used
BAT_SOC[6:0]
0x22
VBAT_READ_H
VBAT_READ[12:5]
0x23
VBAT_READ_L
VBAT_READ[4:0]
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com