Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 39Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 40Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 41Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 42Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 43Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 44Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 41 of 63
Bit No.
Mnemonic
Access
Default
Description
[5:2]
ICHG[3:0]
R/W
1100
Fast charge current programming bus. The values of the constant
current charge can be programmed to the following values:
0000 = 25mA.
0001 = 50 mA.
0010 = 75 mA.
0011 = 100 mA.
0100 = 125 mA.
0101 = 150 mA.
0110 = 200 mA.
0111 = 250 mA.
1000 = 300 mA.
1001 = 350 mA.
1010 = 400 mA.
1011 = 450 mA.
1100 = 500 mA.
1101 = 550 mA.
1110 = 600 mA.
1111 = 650 mA.
[1:0]
ITRK_DEAD[1:0]
R/W
10
Trickle and weak charge current programming bus. The values of the
trickle and weak charge currents can be programmed as per the
following values:
00 = 5 mA.
01 = 10 mA.
10 = 20 mA.
11 = 50 mA.
Table 24. CHARGER_VOLTAGE_THRESHOLD, Register Address 0x05 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
Not used
R
Not used.
[6:5]
VRCH[1:0]
R/W
11
Recharge voltage programming bus. The values of the recharge
threshold can be programmed as per the following values:
00 = 80 mV.
01 = 140 mV.
10 = 200 mV.
11 = 260 mV.
[4:3]
VTRK_DEAD[1:0]
R/W
01
Trickle to fast charge dead battery voltage programming bus. The
values of the trickle to fast charge threshold can be programmed to
the following values:
00 = 2.4 V.
01 = 2.5 V.
10 = 2.6 V.
11 = 3.3 V.
[2:0]
VWEAK[2:0]
R/W
011
Weak battery voltage rising threshold. The values of the weak
battery voltage rising threshold can be programmed to the
following values:
000 = 2.7 V.
001 = 2.8 V.
010 = 2.9 V.
011 = 3.0 V.
100 = 3.1 V.
101 = 3.2 V.
110 = 3.3 V.
111 = 3.4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com