Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 56 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 52Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 53Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 54Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 55Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 56Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 57Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 58Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 59Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 56 of 63
Bit No.
Mnemonic
Access
Default
Description
1
PG4_BST_MASK
R/W
0
This bit configures the external PGOOD pin. This bit is only effective in boost
standalone fixed output mode.
0 = do not output the boost PGOOD signal to the external PGOOD pin.
1 = output the boost PGOOD signal to the external PGOOD pin.
0
PG1_LDO1_MASK1
R/W
Factory
setting
This bit configures the external PGOOD pin. This bit is not effective if the LDO
regulator is configured as a load switch mode.
0 = do not output the LDO1 PGOOD signal to the external PGOOD pin.
1 = output the LDO1 PGOOD signal to the external PGOOD pin.
1
When the PGOOD pin is selected for PG1_LDO1_MASK, the ADP5350 quiescent current increases to 4 µA typically.
Table 75. CHARGER_INTERRUPT_ENABLE, Register Address 0x38 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
EN_IND_PEAK_INT
R/W
0
When high, the inductor peak current-limit interrupt is enabled.
6
EN_THERM_LIM_INT
R/W
0
When high, the isothermal charging interrupt is allowed.
5
EN_WD_INT
R/W
0
When high, the watchdog alarm interrupt is allowed.
4
EN_TSD_INT
R/W
0
When high, the overtemperature 130°C warning interrupt is allowed.
3
EN_THR_INT
R/W
0
When high, the THR temperature thresholds interrupt is allowed.
2
EN_BAT_INT
R/W
0
When high, the battery voltage thresholds interrupt is allowed.
1
EN_CHG_INT
R/W
0
When high, the charger mode change interrupt is allowed.
0
EN_VIN_INT
R/W
0
When high, the VBUSx pin voltage thresholds interrupt is allowed.
Table 76. CHARGER_INTERRUPT_FLAG, Register Address 0x39 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
IND_PEAK_INT1
R
0
When high, this bit indicates an interrupt caused by an inductor peak current limit.
6
THERM_LIM_INT1
R
0
When high, this bit indicates an interrupt caused by isothermal charging.
5
WD_INT1
R
0
When high, this bit indicates an interrupt caused by the watchdog alarm. The watchdog
timer expires within 2 sec or 4 sec depending on the tWD setting of 32 sec or 64 sec,
respectively.
4
TSD_INT1
R
0
When high, this bit indicates an interrupt caused by an overtemperature fault.
3
THR_INT1
R
0
When high, this bit indicates an interrupt caused by THR temperature thresholds.
2
BAT_INT1
R
0
When high, this bit indicates an interrupt caused by battery voltage thresholds.
1
CHG_INT1
R
0
When high, this bit indicates an interrupt caused by a charger mode change.
0
VIN_INT1
R
0
When high, this bit indicates an interrupt caused by VBUSx voltage thresholds.
1
These bits reset to 0 automatically when read.
Table 77. BOOST_LDO_INTERRUPT_ENABLE, Register Address 0x3A Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:3]
Not used
R
Not used.
2
EN_LED_OPEN_INT
R/W
0
0 = LED open events does not trigger the interrupt pin.
1 = LED open events triggers the interrupt pin.
1
EN_PG4_BST_INT
R/W
0
0 = power-good warning on the boost regulator does not trigger the
interrupt pin.
1 = power-good warning on the boost regulator triggers the
interrupt pin.
0
EN_PG1_LDO1_INT
R/W
0
0 = power-good warning on LDO1 does not trigger the interrupt pin.
1 = power-good warning on LDO1 triggers the interrupt pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com