Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 32Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 36Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 37Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 38Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 39Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 36 of 63
INTERRUPTS
The ADP5350 provides an interrupt output (the INT pin) for
fault conditions. During normal operation, when the INT pin is
pulled high, use an external pull-up resistor. When a fault
condition occurs, the ADP5350 pulls the INT pin low to alert
the I2C host that a fault condition occurred.
Many different interrupt sources can trigger the INT pin. By
default, no interrupt sources are configured. To select one or
more interrupt sources to trigger the INT pin, set the appropri-
ate bits to 1 in the CHARGER_INTERRUPT_ENABLE register
and the BOOST_LDO_INTERRUPT_ENABLE register.
When the INT pin is triggered, one or more bits in the
CHARGER_INTERRUPT_FLAG register and the BOOST_
LDO_INTERRUPT_FLAG register are set to 1. The fault
condition that triggered the INT pin can be read from the
CHARGER_INTERRUPT_FLAG register and the BOOST_
LDO_INTERRUPT_FLAG register.
To clear an interrupt, read the appropriate bit in the
CHARGER_INTERRUPT_FLAG register and the BOOST_
LDO_INTERRUPT_FLAG register, or power cycle the ADP5350.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com