Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 18Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 15 of 63
TYPICAL PERFORMANCE CHARACTERISTICS
VVBUSx = 5.0 V, VVIN4 = VVIN123 = VISOS = 3.6 V, CBUS = 2.2 µF, C3 = 10 µF, C4 = 10 µF, CCFL1 = 4.7 µF, LOUT1 = 1.5 µH, all registers are at default
values, unless otherwise noted.
Figure 6. Input Current Limit vs. Temperature
Figure 7. VVBUSOK Threshold vs. Temperature
Figure 8. Shutdown Current vs. Temperature
Figure 9. High Voltage FET (HVFET) On Resistance vs. Temperature
Figure 10. System Voltage vs. Temperature
Figure 11. Efficiency vs. Ouptut Current (IOUT), Buck Regulator Efficiency
600
0
–40
80
TEMPERATURE (°C)
100
200
300
400
500
–10
20
50
ILIM = 100mA
ILIM = 500mA
4.3
3.3
–50
–20
130
100
70
40
10
TEMPERATURE (°C)
3.4
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
RISING
FALLING
5
4
2
3
1
0
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
VISOB = 2.7V
VISOB = 3.6V
VISOB = 4.2V
450
250
270
290
310
330
350
370
390
410
430
0
80
TEMPERATURE (°C)
20
40
60
4.35
4.25
–40
80
TEMPERATURE (°C)
–10
20
50
4.26
4.27
4.28
4.29
4.30
4.31
4.32
4.33
4.34
100
0
0.001
0.01
0.1
1
IOUT (A)
20
40
60
80
10
30
50
70
90
VOUT = 4.5V
VOUT = 4.3V
VOUT = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com