Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 44Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 45Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 46Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 47Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 48Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 49Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 50Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 51Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 48 of 63
Table 53. VBAT_READ_H, Register Address 0x22 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:0]
VBAT_READ[12:5]
R
Not applicable
The battery voltage reading, highest eight bits, unit is mV. VBAT (mV) =
(VBAT_READ_H × 32 + VBAT_READ_L/8).
Table 54. VBAT_READ_L, Register Address 0x23 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:3]
VBAT_READ[4:0]
R
Not applicable
The battery voltage reading, lowest 5 bits, unit is mV. VBAT (mV) =
(VBAT_READ_H × 32 + VBAT_READ_L/8).
[2:0]
Not used
R
Not used.
Table 55. FUEL_GAUGE_MODE, Register Address 0x24 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:2]
Not used
R
Not used.
2
SLEEP_UPDATE_TIME
R/W
0
Select SOC update time in sleep mode.
0: 5 min.
1: 20 min.
1
FUEL_GAUGE_MODE
R/W
0
Fuel gauge operation mode.
1: enable sleep mode.
0: disable sleep mode.
0
FUEL_GAUGE_ENABLE
R/W
0
0: disable fuel gauge.
1: enable fuel gauge.
Table 56. SOC_RESET, Register Address 0x25 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
SOC reset
W
0
Write 1 to reset the BAT_SOC, VBAT_READ_H, and VBAT_READ_L registers.
[6:0]
Not used
R
Not used.
Table 57. BST_LED_CTRL, Register Address 0x26 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:6]
Not used
R
Not used.
5
EN_BST
R/W
0
Boost enable signal (only effective when the boost regulator is in
standalone operation mode).
0 = disable boost output.
1 = enable boost output.
4
EN_LED5
R/W
0
Enable signal for LED5 individual sink (not effective if LED5 is configured as
the grouped backlight).
0 = disable individual LED5 current sink.
1 = enable individual LED5 current sink.
3
EN_LED4
R/W
0
Enable signal for LED4 individual sink (not effective if LED4 is configured as
the grouped backlight).
0 = disable individual LED4 current sink.
1 = enable individual LED4 current sink.
2
EN_LED3
R/W
0
Enable signal for LED3 individual sink (not effective if LED3 is configured as
the grouped backlight).
0 = disable individual LED3 current sink.
1 = enable individual LED3 current sink.
1
EN_LED2
R/W
0
Enable signal for LED2 individual sink (not effective if LED2 is configured as
the grouped backlight).
0 = disable individual LED2 current sink.
1 = enable individual LED2 current sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com