Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 28Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 29Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 30Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 31Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 32Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 33Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 34Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 35Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 32 of 63
LEDs in Parallel
Different configurations, for example, LEDs in series or LEDs in
parallel, can be supported by ADP5350.
Figure 52. Thee LEDs in Parallel for Grouped Backlight and One LED Strip or
Indicator
Figure 52 shows three LEDs in parallel (15 mA each), in
grouped backlight configuration, connected to D1, D2, and D3,
and one additional LED indicator (2 mA) connected to D5.
1. Configure the boost regulator as follows:
a. Set BST_MODE = 0 to configure the boost regulator
in LED operation mode.
b. Set BST_BL = 0 to configure the boost regulator to
provide the bias voltage to all current sink channels.
c. Set BST_OVP = 1 to configure the boost OVP
threshold = 5.6 V.
2. Configure the grouped backlight as follows:
a. Set BL_LED2 = 1 and BL_LED3 = 1 to configure D1
to D3 as the grouped backlight.
b. Set IBL[5:0] = 15 mA for the LED grouped backlight
current.
c. Set the BL_FI and BL_FO code for the fade in and
fade out timer (if required).
d. Set FOVR = 1 to enable the fading overwritten feature
(if required).
3. Configure the individual current sink as follows:
a. Set ILED5 = 2 mA for the D5 sink current.
b. Set the LED5_ON and LED5_OFF code for the
blinking timer (if required).
4. Set EN_BL = 1 to enable the LED backlight.
5. Set EN_LED5 = 1 to enable the LED indicator.
Figure 53. Two LEDs in Parallel (30 mA each) for Grouped Backlight and One
LED Strip or Indicator (2 mA)
Figure 53 shows two LEDs in parallel (30 mA each), in grouped
backlight configuration, connected from D1 to D4, and one
additional LED indicator (2 mA) connected to D5.
1. Configure the boost regulator as follows:
a. Set BST_MODE = 0 to configure the boost regulator
in LED operation mode.
b. Set BST_BL = 0 to configure the boost regulator to
provide the bias voltage to all current sink channels.
c. Set BST_OVP = 1 to configure the boost OVP
threshold = 5.6 V. Set EN_BL bit = 1 to enable the
LED backlight.
2. Configure the grouped backlight as follows:
a. Set BL_LED2 = 1, BL_LED3 = 1, and BL_LED4 = 1 to
configure D1 to D4 as the grouped backlight.
b. Set IBL[5:0] = 15 mA for the LED grouped backlight
current (two channels in parallel with 30 mA for each
LED current).
c. Set the BL_FI and BL_FO code for the fade in and
fade out timer (if required).
d. Set FOVR = 1 to enable the fading overwritten feature
(if required).
3. Configure the individual current sink as follows:
a. Set ILED5 = 2 mA for the D5 sink current.
b. Set the LED5_ON and LED5_OFF code for the
blinking timer (if required).
4. Set EN_BL = 1 to enable the LED backlight.
5. Set EN_LED5 = 1 to enable the LED indicator.
FB4
C10
4.7µF
ADP5350
VOUT4 (UP TO 5.6V)
AGND
PGND4
VOUT4
D1
BOOST
VISOS
L2
4.7µH
C9
4.7µF
D2
D3
D4
D5
SW4
BACKLIGHT
LED STRIP
OR INDICATOR
15mA
D1
LED
DRIVER
15mA
D2
15mA
D3
2mA
D5
FB4
C10
4.7µF
ADP5350
VOUT4 (UP TO 5.6V)
AGND
PGND4
VOUT4
D1
BOOST
VISOS
L2
4.7µH
C9
4.7µF
D2
D3
D4
D5
SW4
BACKLIGHT
LED STRIP
OR INDICATOR
30mA
15mA
15mA
D1
LED
DRIVER
15mA
30mA
D2
2mA
D5
15mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com