Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 40Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 41Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 42Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 43Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 44Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 45Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 46Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 47Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 44 of 63
Bit No.
Mnemonic
Access
Default
Description
[4:3]
Not used
R
Not used.
[2:0]
VBAT_SHR[2:0]
R/W
100
Battery short voltage threshold level:
000 = 2.0 V
001 = 2.1 V
010 = 2.2 V
011 = 2.3 V
100 = 2.4 V
101 = 2.5 V
110 = 2.6 V
111 = 2.7 V
Table 31. BATTERY_THERMISTOR_CONTROL, Register Address 0x0C Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
ILIM_JEITA_COOL
R/W
0
Selects the battery charging current when in the cool temperature
range of 0°C and 10°C (see Table 14).
0 = approximately 50% of programmed charge current.
1 = approximately 10% of programmed charge current.
6
TBAT_LOW
R/W
0
Selects the battery temperature low threshold. When the battery
temperature is lower than TBAT_LOW, charging stops.
0 = 0°C.
1 = 10°C.
5
TBAT_HIGH
R/W
1
Selects the battery temperature high threshold. When the battery
temperature is higher than TBAT_HIGH, charging stops.
0 = 45°C.
1 = 60°C.
4
R_NTC
R/W
Factory setting
Selects the battery thermistor NTC resistance.
0 = 10 kΩ at 25°C.
1 = 100 kΩ or 47 kΩ at 25°C.
[3:0]
BETA_NTC1
R/W
Factory setting
4-bit programming bus for NTC beta setting.
0000 = 2350.
0001 = 2600.
0010 = 2750.
0011 = 3000.
0100 = 3150.
0101 = 3350.
0110 = 3500.
0111 = 3600.
1000 = 3800.
1001 = 4000.
1010 = 4200.
1011 = 4400.
1100 = 4600.
1101 = 4800.
1110 = 5000.
1111 = 5200.
1
The BETA_NTC bits are trimmed by factory setting; writing these bits in the application is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com