Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 46Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 47Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 48Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 49Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 50Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 51Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 52Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 53Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 50 of 63
Table 60. ILED2_SET, Register Address 0x29 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
BL_LED2
R/W
0
This bit sets LED2 as the grouped backlight or individual current sink.
0 = set as individual current sink.
1 = set as grouped backlight.
6
Not used
R
Not used.
[5:0]
ILED2[5:0]
R/W
000000
These bits set the individual LED current setting for LED2. This
setting is not effective if LED2 is configured as the grouped LED
backlight. A square law algorithm for 64 levels is used.
000000 = 0 mA.
000001 = 0.005 mA.
000010 = 0.020 mA.
…
111101 = 18.750 mA.
111110 = 19.370 mA.
111111 = 20 mA.
Table 61. ILED3_SET, Register Address 0x2A Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
BL_LED3
R/W
0
This bit sets LED3 as the grouped backlight or individual current sink.
0 = set as individual current sink.
1 = set as grouped backlight.
6
Not used
R
Not used.
[5:0]
ILED3[5:0]
R/W
000000
Those bits set the individual LED current setting for LED3. This
setting is not effective if LED3 is configured as the grouped LED
backlight. A square law algorithm for 64 levels is used.
000000 = 0 mA.
000001 = 0.005 mA.
000010 = 0.020 mA.
…
111101 = 18.750 mA.
111110 = 19.370 mA.
111111 = 20 mA.
Table 62. ILED4_SET, Register Address 0x2B Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
BL_LED4
R/W
0
This bit sets LED4 as the grouped backlight or individual current sink.
0 = set as individual current sink.
1 = set as grouped backlight.
6
Not used
R
Not used.
[5:0]
ILED4[5:0]
R/W
000000
Those bits set the individual LED current setting for LED4. This
setting is not effective if LED4 is configured as the grouped LED
backlight. A square law algorithm for 64 levels is used.
000000 = 0 mA.
000001 = 0.005 mA.
000010 = 0.020 mA.
…
111101 = 18.750 mA.
111110 = 19.370 mA.
111111 = 20 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com