Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 42Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 43Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 44Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 45Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 46Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 47Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 48Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 49Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
ADP5350
Data Sheet
Rev. B | Page 46 of 63
Table 41. V_SOC_100, Register Address 0x16 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:0]
V_SOC_100
R/W
0xD5
The battery voltage when SOC is 100%. The default voltage is 4.204 V.
Battery voltage (V) = (2.5 + V_SOC_100 × 0.008).
Table 42. FILTER_SETTING1, Register Address 0x17 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
Not used
R
Not used.
[6:4]
FILTER_CHARGE
R/W
100
The filter limit (in C rate) of SOC in battery charging mode. The C rate is
the battery charge or discharge current rate over the battery capacity.
000 = 0.125 C.
001 = 0.25 C.
010 = 0.5 C.
011 = 0.75 C.
100 = 1 C.
101 = 1.5 C.
110 = 2 C.
111 = 3 C.
3
Not used
R
Not used.
[2:0]
FILTER_DISCHARGE
R/W
010
The filter limit (in C rate) of SOC in battery discharging mode. The C
rate is the battery charge or discharge current rate over the battery
capacity.
000 = 0.125 C.
001 = 0.25 C.
010 = 0.5 C.
011 = 0.75 C.
100 = 1 C.
101 = 1.5 C.
110 = 2 C.
111 = 3 C
Table 43. FILTER_SETTING2, Register Address 0x18 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:2]
Not used
R/W
000000
Not used.
[1:0]
FILTER_IDLE
R/W
00
The filter limit of SOC during battery idle mode.
00 = FILTER_CHARGE/8.
01 = FILTER_CHARGE/16.
10 = FILTER_CHARGE/32.
11 = FILTER_CHARGE/64.
Table 44. RBAT_0, Register Address 0x19 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:0]
RBAT_0
R/W
0x3F
The battery internal resistance at 0°C. The resistance range is 0 mΩ to 8160 mΩ and the default
resistance is 2016 mΩ. Resistance value = RBAT_0 × 32 mΩ.
Table 45. RBAT_10, Register Address 0x1A Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:0]
RBAT_10
R/W
0x3F
The battery internal resistance at 10°C. The resistance range is 0 mΩ to 8160 mΩ and the
default resistance is 2016 mΩ. Resistance value = RBAT_10 × 32 mΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com