Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 41Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 42Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 43Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 44Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 45Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 46Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 47Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 48Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 45 of 63
Table 32. V_SOC_0, Register Address 0x0D Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:0]
V_SOC_0
R/W
0x7C
The battery voltage when SOC is 0%. The default voltage is 3.5 V.
Battery voltage (V) = (2.5 + V_SOC_0 × 0.008).
Table 33. V_SOC_5, Register Address 0x0E Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:0]
V_SOC_5
R/W
0x91
The battery voltage when SOC is 5%. The default voltage is 3.66 V.
Battery voltage (V) = (2.5 + V_SOC_5 × 0.008).
Table 34. V_SOC_11, Register Address 0x0F Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:0]
V_SOC_11
R/W
0x94
The battery voltage when SOC is 11%. The default voltage is 3.684 V.
Battery voltage (V) = (2.5 + V_SOC_11 × 0.008).
Table 35. V_SOC_19, Register Address 0x10 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:0]
V_SOC_19
R/W
0x99
The battery voltage when SOC is 19%. The default voltage is 3.724 V.
Battery voltage (V) = (2.5 + V_SOC_19 × 0.008).
Table 36. V_SOC_28, Register Address 0x11 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:0]
V_SOC_28
R/W
0x9E
The battery voltage when SOC is 28%. The default voltage is 3.764 V.
Battery voltage (V) = (2.5 + V_SOC_28 × 0.008).
Table 37. V_SOC_41, Register Address 0x12 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:0]
V_SOC_41
R/W
0xA3
The battery voltage when SOC is 41%. The default voltage is 3.804 V.
Battery voltage (V) = (2.5 + V_SOC_41 × 0.008)
Table 38. V_SOC_55, Register Address 0x13 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:0]
V_SOC_55
R/W
0xAB
The battery voltage when SOC is 55%. The default voltage is 3.868 V.
Battery voltage (V) = (2.5 + V_SOC_55 × 0.008).
Table 39. V_SOC_69, Register Address 0x14 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:0]
V_SOC_69
R/W
0xB5
The battery voltage when SOC is 69%. The default voltage is 3.948 V.
Battery voltage (V) = (2.5 + V_SOC_69 × 0.008).
Table 40. V_SOC_84, Register Address 0x15 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:0]
V_SOC_84
R/W
0xC4
The battery voltage when SOC is 84%. The default voltage is 4.068 V.
Battery voltage (V) = (2.5 + V_SOC_84 × 0.008)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com