Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 55 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 51Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 52Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 53Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 54Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 55Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 56Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 57Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 58Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 55 of 63
Table 72. VID_LDO3, Register Address 0x35 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:4]
Not used
R
Not used.
[3:0]
VID_LDO3
R/W
Factory setting
These bits set the output voltage in LDO3. These bits have no effect
when this channel is set as a load switch.
0000 = 4.20 V.
0001 = 3.60 V.
0010 = 3.30 V.
0011 = 3.15 V.
0100 = 3.00 V.
0101 = 2.85 V.
0110 = 2.50 V.
0111 = 2.30 V.
1000 = 2.10 V.
1001 = 1.80 V.
1010 = 1.50 V.
1011 = 1.40 V.
1100 = 1.30 V.
1101 = 1.20 V.
1110 = 1.10 V.
1111 = 1.00 V.
Table 73. PGOOD_STATUS, Register Address 0x36 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:4]
Not used
R
Not used.
3
VBUSOK
R
Not applicable
This bit shows real-time status of VBUSx voltage.
0 = the voltage at the VBUSx pin is below VVBUSOK or above VVBUS_OV.
1 = the voltage at the VBUSx pin is above VVBUSOK and below VVBUS_OV.
2
BATOK
R
Not applicable
This bit shows the real-time status of the battery voltage.
0 = battery voltage is lower than VWEAK.
1 = battery voltage is higher than VWEAK.
1
PG4_BST
R
Not applicable
This bit shows the real-time power-good status for the boost regulator.
This bit is effective only in boost standalone fixed output mode.
0 = boost regulator power-good status is low.
1 = boost regulator power-good status is high.
0
PG1_LDO1
R
Not applicable
This bit shows the real-time power good status for LDO1. This bit is
not effective if the LDO regulator is configured as a load switch mode.
0 = LDO1 power-good status is low.
1 = LDO1 power-good status is high.
Table 74. PGOOD_MASK, Register Address 0x37 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:4]
Not used
R
Not used.
3
VBUSOK_MASK
R/W
Factory
setting
This bit configures the external PGOOD pin.
0 = do not output the VVBUSx voltage status signal to the external PGOOD pin.
1 = output VBUS voltage status signal to the external PGOOD pin.
2
BATOK_MASK
R/W
0
This bit configures the external PGOOD pin.
0 = do not output BATOK signal to the external PGOOD pin.
1 = output the BATOK signal to the external PGOOD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com