Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5350ACBZ-1-R7 Datasheet(PDF) 53 Page - Analog Devices

Part # ADP5350ACBZ-1-R7
Description  Advanced Battery Management PMIC with Inductive Boost LED and Three LDO Regulators
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5350ACBZ-1-R7 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADP5350ACBZ-1-R7 Datasheet HTML 49Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 50Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 51Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 52Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 53Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 54Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 55Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 56Page - Analog Devices ADP5350ACBZ-1-R7 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
Data Sheet
ADP5350
Rev. B | Page 53 of 63
Table 68. LED_STATUS, Register Address 0x31 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:5]
Not used
R
Not used.
4
LED5_OPEN1
R
Not applicable
This bit records the LED5 status
0: LED5 channel is not open
1: LED5 channel is open
3
LED4_OPEN1
R
Not applicable
This bit records the LED4 status
0: LED4 channel is not open
1: LED4 channel is open
2
LED3_OPEN1
R
Not applicable
This bit records the LED3 status
0: LED3 channel is not open
1: LED3 channel is open
1
LED2_OPEN1
R
Not applicable
This bit records the LED2 status
0: LED2 channel is not open
1: LED2 channel is open
0
LED1_OPEN1
R
Not applicable
This bit records the LED1 status
0: LED1 channel is not open
1: LED1 channel is open
1
To reset any bit in this register, power cycle VBUSx or write the corresponding I2C bit high.
Table 69. LDO_CTRL, Register Address 0x32 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
[7:3]
Not used
R
Not used.
2
EN_LDO3
R/W
Factory setting
Enable signal for LDO3 (or Load Switch 3)
0 = disable LDO3 (or Load Switch 3)
1 = enable LDO3 (or Load Switch 3)
1
EN_LDO2
R/W
Factory setting
Enable signal for LDO2 (or Load Switch 2)
0 = disable LDO2 (or Load Switch 2)
1 = enable LDO2 (or Load Switch 2)
0
EN_LDO1
R/W
1
Enable signal for LDO1 (or Load Switch 1)
0 = disable LDO1 (or Load Switch 1)
1 = enable LDO1 (or Load Switch 1)
Table 70. LDO_CFG, Register Address 0x33 Bit Descriptions
Bit No.
Mnemonic
Access
Default
Description
7
Not used
R
Not used.
6
DSCG_LDO3
R/W
0
This bit configures the output discharge functionality for LDO3 or
Load Switch 3
0 = discharge functionality disabled
1 = discharge functionality enabled
5
DSCG_LDO2
R/W
0
This bit configures the output discharge functionality for LDO2 or
Load Switch 2
0 = discharge functionality disabled
1 = discharge functionality enabled
4
DSCG_LDO1
R/W
0
This bit configures the output discharge functionality for LDO1 or
Load Switch 1
0 = discharge functionality disabled
1 = discharge functionality enabled
3
Not used
R
Not used.
2
MODE_LDO3
R/W
0
This bit sets LDO3 as an LDO or load switch
0 = LDO mode
1 = load switch mode
1
MODE_LDO2
R/W
0
This bit sets LDO2 as an LDO or load switch
0 = LDO mode
1 = load switch mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com